Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2226HLX Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2226HLX
Description  12-Bit, 25Msps 125째C ADC in LQFP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2226HLX Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2226HLX Datasheet HTML 5Page - Linear Technology LTC2226HLX Datasheet HTML 6Page - Linear Technology LTC2226HLX Datasheet HTML 7Page - Linear Technology LTC2226HLX Datasheet HTML 8Page - Linear Technology LTC2226HLX Datasheet HTML 9Page - Linear Technology LTC2226HLX Datasheet HTML 10Page - Linear Technology LTC2226HLX Datasheet HTML 11Page - Linear Technology LTC2226HLX Datasheet HTML 12Page - Linear Technology LTC2226HLX Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2226H
9
2226hfb
DYNAMIC PERFORMANCE
Signal-to-Noise Plus Distortion Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is
the ratio between the RMS amplitude of the fundamen-
tal input frequency and the RMS amplitude of all other
frequency components at the ADC output. The output is
band limited to frequencies above DC to below half the
sampling frequency.
Signal-to-Noise Ratio
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC.
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum
of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD
is expressed as:
THD = 20Log
V22
++
+
()
⎝⎜
⎠⎟
VV
Vn
V
34
1
22
2
...
/
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the second
through nth harmonics. The THD calculated in this data
sheet uses all the harmonics up to the fifth.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer function
can create distortion products at the sum and difference
frequencies of mfa ± nfb, where m and n = 0, 1, 2, 3, etc.
The 3rd order intermodulation products are 2fa + fb, 2fb
+ fa, 2fa – fb and 2fb – fa. The intermodulation distortion
APPLICATIONS INFORMATION
is defined as the ratio of the RMS value of either input tone
to the RMS value of the largest 3rd order intermodulation
product.
Spurious Free Dynamic Range (SFDR)
Spurious free dynamic range is the peak harmonic or spuri-
ous noise that is the largest spectral component excluding
the input signal and DC. This value is expressed in decibels
relative to the RMS value of a full scale input signal.
Input Bandwidth
The input bandwidth is that input frequency at which the
amplitude of the reconstructed fundamental is reduced
by 3dB for a full scale input signal.
Aperture Delay Time
The time from when CLK reaches mid-supply to the
instant that the input signal is held by the sample and
hold circuit.
Aperture Delay Jitter
The variation in the aperture delay time from conversion
to conversion. This random variation will result in noise
when sampling an AC input. The signal to noise ratio due
to the jitter alone will be:
SNRJITTER = –20log (2π • fIN • tJITTER)
CONVERTER OPERATION
As shown in Figure 1, the LTC2226H is a CMOS pipelined
multistep converter. The converter has six pipelined ADC
stages; a sampled analog input will result in a digitized
value five cycles later (see the Timing Diagram section).
For optimal AC performance the analog inputs should be
driven differentially. For cost sensitive applications, the
analog inputs can be driven single-ended with slightly
worse harmonic distortion. The CLK input is single-ended.
The LTC2226H has two phases of operation, determined
by the state of the CLK input pin.
Each pipelined stage shown in Figure 1 contains an ADC,
a reconstruction DAC and an interstage residue amplifier.
In operation, the ADC quantizes the input to the stage and
the quantized value is subtracted from the input by the


Similar Part No. - LTC2226HLX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2226H LINER-LTC2226H Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
More results

Similar Description - LTC2226HLX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
LTC1745 LINER-LTC1745 Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1746 LINER-LTC1746 Datasheet
211Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC1746 LINER-LTC1746_15 Datasheet
217Kb / 20P
   Low Power,14-Bit, 25Msps ADC
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Linear Technology
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
logo
Analog Devices
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com