Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-15-622C-TDFB-SST4 Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # C-13-15-622C-TDFB-SST4
Description  622 Mbps DFB Laser Single Mode Transceiver(LH)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-15-622C-TDFB-SST4 Datasheet(HTML) 4 Page - Source Photonics, Inc.

  C-13-15-622C-TDFB-SST4 Datasheet HTML 1Page - Source Photonics, Inc. C-13-15-622C-TDFB-SST4 Datasheet HTML 2Page - Source Photonics, Inc. C-13-15-622C-TDFB-SST4 Datasheet HTML 3Page - Source Photonics, Inc. C-13-15-622C-TDFB-SST4 Datasheet HTML 4Page - Source Photonics, Inc. C-13-15-622C-TDFB-SST4 Datasheet HTML 5Page - Source Photonics, Inc. C-13-15-622C-TDFB-SST4 Datasheet HTML 6Page - Source Photonics, Inc. C-13-15-622C-TDFB-SST4 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
C-1X-622(C)-TDFB(3)-SST(FC)4
622 Mbps DFB Laser Single Mode Transceiver(LH)
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS857-Jun0306
Rev A.1
Recommended Circuit Schematic
C-1X-622-TDFB(3)-SST(FC)4
C-1X-622C-TDFB(3)-SST(FC)4
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.


Similar Part No. - C-13-15-622C-TDFB-SST4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-15-D02-B-SSCH SOURCE-C-13-15-D02-B-SSCH Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCH-G5 SOURCE-C-13-15-D02-B-SSCH-G5 Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCH-GR SOURCE-C-13-15-D02-B-SSCH-GR Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCL SOURCE-C-13-15-D02-B-SSCL Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-13-15-D02-B-SSCL-G5 SOURCE-C-13-15-D02-B-SSCL-G5 Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
More results

Similar Description - C-13-15-622C-TDFB-SST4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-TDFB-SSC4 SOURCE-C-13-622-TDFB-SSC4 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-622-T-SSC4 SOURCE-C-13-622-T-SSC4 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-15-155-TDFB-SSC10 SOURCE-C-15-155-TDFB-SSC10 Datasheet
663Kb / 11P
   155 Mbps DFB Laser Single Mode Transceiver (Ultra-LR)
C-13-622-T-SFC SOURCE-C-13-622-T-SFC Datasheet
620Kb / 7P
   622 Mbps Single Mode Transceiver
C-147-622-TDFB-SSC4 SOURCE-C-147-622-TDFB-SSC4 Datasheet
493Kb / 7P
   622 Mbps CWDM Single Mode Transceiver
logo
Optoway Technology Inc
SPS-53120-CXX0G_2015 OPTOWAY-SPS-53120-CXX0G_2015 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_15 Datasheet
147Kb / 5P
   622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com