Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-S100A-14S-30 Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-S100A-14S-30
Description  LED NUMERIC DISPLAY, 1 DIGIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S100A-14S-30 Datasheet(HTML) 3 Page - BetLux Electronics

  BL-S100A-14S-30 Datasheet HTML 1Page - BetLux Electronics BL-S100A-14S-30 Datasheet HTML 2Page - BetLux Electronics BL-S100A-14S-30 Datasheet HTML 3Page - BetLux Electronics BL-S100A-14S-30 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.betlux.com
LED NUMERIC DISPLAY, 1 DIGIT
BL-S100X-14
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is
0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-S100A-14S-30

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S100A-14S-XX BETLUX-BL-S100A-14S-XX Datasheet
318Kb / 5P
   25.40mm (1.0) Single digit Seven Segment LED display series
More results

Similar Description - BL-S100A-14S-30

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S30A-15S BETLUX-BL-S30A-15S Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S30C-11S BETLUX-BL-S30C-11S Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S36A-11S BETLUX-BL-S36A-11S Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S180E-11S BETLUX-BL-S180E-11S Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S200A-11S BETLUX-BL-S200A-11S Datasheet
87Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S230C-11S BETLUX-BL-S230C-11S Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11S BETLUX-BL-S300A-11S Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S400C-11S BETLUX-BL-S400C-11S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S400G-11S BETLUX-BL-S400G-11S Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S80A-15S BETLUX-BL-S80A-15S Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S80C-11S BETLUX-BL-S80C-11S Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com