Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH16903DGG Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALVCH16903DGG
Description  3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16903DGG Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVCH16903DGG Datasheet HTML 1Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 2Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 3Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 4Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 5Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 6Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 7Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 8Page - Texas Instruments SN74ALVCH16903DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74ALVCH16903
3.3-V 12-BIT UNIVERSAL BUS DRIVER
WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
SCES095C – MARCH 1997 – REVISED MAY 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables (Continued)
PARI/O FUNCTION†
INPUTS
OUTPUT
PAROE
Σ OF INPUTS
1A – 10A = H
APAR
OUTPUT
PARI/O
L
0, 2, 4, 6, 8, 10
L
L
L
1, 3, 5, 7, 9
L
H
L
0, 2, 4, 6, 8, 10
H
H
L
1, 3, 5, 7, 9
H
L
H
X
X
Z
† This table applies to the first device of a cascaded pair
of ALVCH16903 devices.
logic diagram (positive logic)
13
8
(1A–8A)
13
5
(9A–12A, APAR)
Flip-Flop
13
Flip-Flop
5
13
DQ
Parity
Check
12
11
DQ
DQ
XOR
DQ
APAR
APAR
10
(1A–10A)
(1A–11A/YERREN, APAR)
12
(1A–12A)
11A/YERREN
12
1
33
56
29
28
36
30
OE
MODE
CLK
CLKEN
1A–12A,
APAR
PAROE
PARI/O
YERR
1Y2–12Y2
1Y1–12Y1


Similar Part No. - SN74ALVCH16903DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16903DGGR TI-SN74ALVCH16903DGGR Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH16903DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16903 TI-SN74ALVCH16903_06 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCH16903 IDT-IDT74ALVCH16903 Datasheet
125Kb / 13P
   3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162835 TI-SN74ALVCF162835 Datasheet
183Kb / 12P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ACT11656 TI1-74ACT11656 Datasheet
253Kb / 11P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH PARITY CHECKER/GENERATOR AND 3-STATE OUTPUTS
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com