Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ763-1C-60D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ763-1C-60D
Description  12 A SPDT MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ763-1C-60D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ763-1C-60D Datasheet HTML 1Page - American Zettler, Inc. AZ763-1C-60D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ
6/11/04W
AZ763
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC Coil
ORDER NUMBER*
Nominal
Must
Max.
Coil
Unsealed
Sealed
Coil
Operate
Continuous
Resistance
3.5 mm STD
5 mm STD Left
3.5mm
5 mm STD Left
VDC
VDC
VDC
± 10%
3
2.1
7.6
22
AZ763–1C–3D
AZ763L–1C–3D
AZ763–1C–3DE
AZ763L–1C–3DE
5
3.5
12.7
60
AZ763–1C–5D
AZ763L–1C–5D
AZ763–1C–5DE
AZ763L–1C–5DE
6
4.2
15.3
90
AZ763–1C–6D
AZ763L–1C–6D
AZ763–1C–6DE
AZ763L–1C–6DE
9
6.3
22.9
200
AZ763–1C–9D
AZ763L–1C–9D
AZ763–1C–9DE
AZ763L–1C–9DE
12
8.4
30.6
360
AZ763–1C–12D
AZ763L–1C–12D
AZ763–1C–12DE
AZ763L–1C–12DE
18
12.6
45.9
710
AZ763–1C–18D
AZ763L–1C–18D
AZ763–1C–18DE
AZ763L–1C–18DE
24
16.8
61.2
1,440
AZ763–1C–24D
AZ763L–1C–24D
AZ763–1C–24DE
AZ763L–1C–24DE
36
25.2
92
3,140
AZ763–1C–36D
AZ763L–1C–36D
AZ763–1C–36DE
AZ763L–1C–36DE
48
33.6
122.0
5,700
AZ763–1C–48D
AZ763L–1C–48D
AZ763–1C–48DE
AZ763L–1C–48DE
60
42.0
153.0
7,500
AZ763–1C–60D
AZ763L–1C–60D
AZ763–1C–60DE
AZ763L–1C–60DE
110
77.0
280.0
25,200
AZ763–1C–110D
AZ763L–1C–110D
AZ763–1C–110DE
AZ763L–1C–110DE
COIL SPECIFICATIONS - AC Coil
ORDER NUMBER*
Nominal
Must
Max.
Nominal
Coil
Unsealed
Sealed
Coil
Operate
Continuous
Current
Resistance
3.5 mm STD
5 mm STD Left
3.5mm
5 mm STD Left
VAC
VAC
VAC
mA ± 10%
± 10%
12
9.0
18.0
63.0
100
AZ763–1C–12A
AZ763L–1C–12A
AZ763–1C–12AE
AZ763L–1C–12AE
24
18.0
36.0
31.3
400
AZ763–1C–24A
AZ763L–1C–24A
AZ763–1C–24AE
AZ763L–1C–24AE
48
36.0
72.0
15.6
1550
AZ763–1C–48A
AZ763L–1C–48A
AZ763–1C–48AE
AZ763L–1C–48AE
60
45.0
90.0
12.5
2600
AZ763–1C–60A
AZ763L–1C–60A
AZ763–1C–60AE
AZ763L–1C–60AE
110
82.5
165.0
6.8
8900
AZ763–1C–110A
AZ763L–1C–110A
AZ763–1C–110AE
AZ763L–1C–110AE
115
86.3
172.5
6.5
9600
AZ763–1C–115A
AZ763L–1C–115A
AZ763–1C–115AE
AZ763L–1C–115AE
120
90.0
180.0
6.3
10200
AZ763–1C–120A
AZ763L–1C–120A
AZ763–1C–120AE
AZ763L–1C–120AE
220
165.0
330.0
3.4
35500
AZ763–1C–220A
AZ763L–1C–220A
AZ763–1C–220AE
AZ763L–1C–220AE
230
172.5
345.0
3.3
38500
AZ763–1C–230A
AZ763L–1C–230A
AZ763–1C–230AE
AZ763L–1C–230AE
240
180.0
360.0
3.1
42500
AZ763–1C–240A
AZ763L–1C–240A
AZ763–1C–240AE
AZ763L–1C–240AE
*For 5 mm “Right” spacing substitute “AZ763R” for “AZ763L”. For Form A contacts substitute “-1A” for “-1C”. For gold plated contacts substitute “-1AG”
for “-1A” or “-1CG” for “-1C”. NOTE: Form A contacts only available for DC coil versions.
MECHANICAL DATA
1 FORM C
RIGHT
1 FORM A
RIGHT
STANDARD & LEFT
1 FORM C
STANDARD & LEFT
1 FORM A
12
54
12
3
54
54
13
54
12
3
[2.5]
.098
[2.5]
.098
[7.5]
.295
[7.5]
.295
.098
[2.5]
.098
[2.5]
[2.5]
.098
[ø0.6]
2 x ø.024
[ø1.3]
[5.0]
.197
5 x ø.051
.787
[20.0]
.197
[5.0]
[ø1.3]
5 x ø.051
5 x ø.051
[ø1.3]
.098
[2.5]
[5.0]
.197
[5.0]
.197
[3.5]
.138
[20.0]
.787
[29.0]
1.142
[12.7]
.500
[0.5]
3 x .020
[15.7]
.618
[3.9]
.154
[0.9]
3 x .035
[20.0]
.787
[7.5]
.295
[3.5]
.138
1 FORM C
5.0mm RIGHT SPACING
AZ763R
1 FORM C
5.0mm LEFT SPACING
AZ763L
AZ763
1 FORM C
VIEWED TOWARD TERMINALS
VIEWED TOWARD TERMINALS
WIRING DIAGRAM
PC BOARD LAYOUT
3.5mm SPACING
Max.
Max.
Max.
**
*
* Not used on 1 Form A relay
HARDWARE
RETAINING CLIP
ST482-U1
Viewed toward terminals
.125
(3.2)
DIA
.414
(10.5)
1.22
(30.9)
.500
(12.7)
1.28
(32.5)
.354
(9.0)
.177
(4.5)
MAX.
.366
(9.3)
.059
(1.5)
DIA
.276
(7.0)
.295
(7.5)
.792
(20.1)
.118
(3.0)
.661 [16.79]
1.385 [35.19]
.895 [22.73]
HARDWARE
ORDERING
DATA
DESCRIPTION
Socket
ORDER NUMBER
ST482–U1
DESCRIPTION
Retainer
ORDER NUMBER
ST482–2
ST482-3


Similar Part No. - AZ763-1C-60D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763-1C-60D ZETTLER-AZ763-1C-60D Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ763-1C-60D ZETTLER-AZ763-1C-60D Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ763-1C-60D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com