Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-1250AC-T3-SSC2 Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # C-13-1250AC-T3-SSC2
Description  1.25 Gbps Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1250AC-T3-SSC2 Datasheet(HTML) 7 Page - Source Photonics, Inc.

  C-13-1250AC-T3-SSC2 Datasheet HTML 1Page - Source Photonics, Inc. C-13-1250AC-T3-SSC2 Datasheet HTML 2Page - Source Photonics, Inc. C-13-1250AC-T3-SSC2 Datasheet HTML 3Page - Source Photonics, Inc. C-13-1250AC-T3-SSC2 Datasheet HTML 4Page - Source Photonics, Inc. C-13-1250AC-T3-SSC2 Datasheet HTML 5Page - Source Photonics, Inc. C-13-1250AC-T3-SSC2 Datasheet HTML 6Page - Source Photonics, Inc. C-13-1250AC-T3-SSC2 Datasheet HTML 7Page - Source Photonics, Inc. C-13-1250AC-T3-SSC2 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS827-Jan0408
Rev A.1
LUMINENTOIC.COM
1.25 Gbps Single Mode Transceiver
C-13-1250AC-T(3)-SSC(2)
Ordering Information
C - 13 - 1250AC - T(3) - S SC TxPower Temperature and Package -RoHS
• 13 = Wavelength 1310nm
• Communication protocol (1250 Mbps)
AC = AC coupling for data input/output
TTL Signal Detection output
• Connector options
• Tx Power range
Blank = -10 to -3 dBm
2 = -5 to 0 dBm
• T(3)= +3.3V Transceiver, FP
• Single mode fiber
• Temperature range and package
Blank = commercial temperature(0 to 70 ºC), 10.4 mm, Black case
A = industrial temperature(-40 to 85 ºC), 10.4 mm, Black case
B = industrial temperature(-40 to 85 ºC), 9.8 mm, Blue case
C = industrial temperature(-40 to 85 ºC), 9.8 mm, Black case
D = commercial temperature(0 to 70 ºC), 9.8 mm, Black case
E = commercial temperature(0 to 70 ºC), 9.8 mm, Blue case
Available Options:
C-13-1250AC-T(3)-SSC
C-13-1250AC-T(3)-SSCA
C-13-1250AC-T(3)-SSCB
C-13-1250AC-T(3)-SSCC
C-13-1250AC-T(3)-SSCD
C-13-1250AC-T(3)-SSCE
C-13-1250AC-T(3)-SSC2
C-13-1250AC-T(3)-SSC2A
C-13-1250AC-T(3)-SSC2B
C-13-1250AC-T(3)-SSC2C
C-13-1250AC-T(3)-SSC2D
C-13-1250AC-T(3)-SSC2E
Part numbering Definition:
C-13-1250AC-T(3)-SSC-G5
C-13-1250AC-T(3)-SSCA-G5
C-13-1250AC-T(3)-SSCB-G5
C-13-1250AC-T(3)-SSCC-G5
C-13-1250AC-T(3)-SSCD-G5
C-13-1250AC-T(3)-SSCE-G5
C-13-1250AC-T(3)-SSC2-G5
C-13-1250AC-T(3)-SSC2A-G5
C-13-1250AC-T(3)-SSC2B-G5
C-13-1250AC-T(3)-SSC2C-G5
C-13-1250AC-T(3)-SSC2D-G5
C-13-1250AC-T(3)-SSC2E-G5
• RoHs
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)


Similar Part No. - C-13-1250AC-T3-SSC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC-G5 SOURCE-C-13-1250AC-F-SLC-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2 SOURCE-C-13-1250AC-F-SLC2 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2-G5 SOURCE-C-13-1250AC-F-SLC2-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2A SOURCE-C-13-1250AC-F-SLC2A Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-1250AC-T3-SSC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-7140G_2015 OPTOWAY-SPS-7140G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380_2015 OPTOWAY-SPS-7380_2015 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160G_2015 OPTOWAY-SPS-73160G_2015 Datasheet
147Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_15 Datasheet
150Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7110G OPTOWAY-SPS-7110G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130G OPTOWAY-SPS-7130G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380 OPTOWAY-SPS-7380_15 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com