Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDR-F4-55Z-L-T-AM Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # LDR-F4-55Z-L-T-AM
Description  1310nm & 1550nm Laser Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

LDR-F4-55Z-L-T-AM Datasheet(HTML) 4 Page - Source Photonics, Inc.

  LDR-F4-55Z-L-T-AM Datasheet HTML 1Page - Source Photonics, Inc. LDR-F4-55Z-L-T-AM Datasheet HTML 2Page - Source Photonics, Inc. LDR-F4-55Z-L-T-AM Datasheet HTML 3Page - Source Photonics, Inc. LDR-F4-55Z-L-T-AM Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LDR-FX-XXZ-X-T-XXSTSA
LUMNDS789-MAY2906
rev. A.3
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC's sole and absolute discretion.
LuminentOIC warrants performance of its products to current specifications only in accordance with the company's standard one-year
warranty; however, specifications designated as “preliminary" are given to describe components only, and LuminentOIC expressly dis-
claims any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability,
fitness for a particular purpose, and non-infringement of proprietary rights.
Please refer to the company's Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of pat-
ents, services, or intellectual property described herein.
No license, either express or implied, is granted under any patent right,
copyright, or intellectual property right, and LuminentOIC makes no representations or warranties that the product(s) described here-
in are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in
implantation or other life support applications where malfunction may result in injury or death to persons.
LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC
for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS" BASIS.
Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, oother damages arising directly or indirectly from any use of the information contained in this
document.
Customer must contact LuminentOIC to obtain the latest version of this publication to verify, before placing any order,
that the information contained herein is current.
© LuminentOIC, Inc. 2006
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is
highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
1310nm & 1550nm Laser Diode Module
Ordering Information
4=2.5Gbps
3=1.25Gbps
Application
LDR-FX-XXZ-X-T-XXSTSA-XX
Device
F=FP
LDR=LD Receptacle
Family
Option
A=ST-A
GR = Full RoHS compliant product (no exemption)
G5 = RoHS 5/6-compliant product (lead exemption)
Temperature
T= -40~+85°C
31:1310nm
Wavelength
55:1550nm
L/M/H/U
Power
Tolerance
Z=±20nm
M=50/125µm
Connector
RoHS Compliant
Blank = RoHS non-compliant product
ST
Pinout
A/D
-/G5/R5
S=9/125µm
Fiber
Stub
S=Fiber Stub


Similar Part No. - LDR-F4-55Z-L-T-AM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-31Z-H-T-AMFCNE SOURCE-LDR-FC-31Z-H-T-AMFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNE-G5 SOURCE-LDR-FC-31Z-H-T-AMFCNE-G5 Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNE-GR SOURCE-LDR-FC-31Z-H-T-AMFCNE-GR Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNG SOURCE-LDR-FC-31Z-H-T-AMFCNG Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNG-G5 SOURCE-LDR-FC-31Z-H-T-AMFCNG-G5 Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
More results

Similar Description - LDR-F4-55Z-L-T-AM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
List of Unclassifed Man...
C-15-002 ETC2-C-15-002 Datasheet
501Kb / 6P
   1550nm 2.5Gbps Laser Diode Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
logo
List of Unclassifed Man...
LD131T10 ETC-LD131T10 Datasheet
251Kb / 4P
   1310nm Laser Diode
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
   1310nm Laser Diode Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com