Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPD-4F-08-27-A Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SFPD-4F-08-27-A
Description  4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFPD-4F-08-27-A Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SFPD-4F-08-27-A Datasheet HTML 1Page - Source Photonics, Inc. SFPD-4F-08-27-A Datasheet HTML 2Page - Source Photonics, Inc. SFPD-4F-08-27-A Datasheet HTML 3Page - Source Photonics, Inc. SFPD-4F-08-27-A Datasheet HTML 4Page - Source Photonics, Inc. SFPD-4F-08-27-A Datasheet HTML 5Page - Source Photonics, Inc. SFPD-4F-08-27-A Datasheet HTML 6Page - Source Photonics, Inc. SFPD-4F-08-27-A Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
4.25Gb/s Fibre Channel DWDM SFP Transceiver
Preliminary
SFPD-4F-08-xx-A
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Confidential and Proprietary
LUMNDS733-APR052007
Rev 0.2
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
0
2
4
dBm
Average Launch Power (Tx:Off)
POff
-
-
-30
dBm
Channel Spacing
∆f
-
100
-
GHz
Deviation From Central Frequency, EOL
±12
GHz
Spectral Width (20dB)
∆λ
-
-
0.3
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Dispersion Penalty at specified distancec
dp
-
-
3
dB
Relative Intensity Noise
RIN
-
-
-135
dB/Hz
Reflection Toleranced
rp
-24
-
-
dB
Transmitter Specifications (Optical)
Features
• Available in all 100 GHz C-Band Wavelengths on the
DWDM ITU Grid
• DWDM SFP MSA Compliant
• Cold Start Up Wavelength Compliance
• Low Power Dissipation <1.3W Maximum
• -5ºC to 70ºC Operating Case Temperature
• Supports 1.06/2.125/4.25Gb/s Fibre Channel Operation
• Compatible with 1.25Gb/s Ethernet
• Pluggable Into Existing Standard SFP Cages
• Diagnostic Performance Monitoring of Transmit Power,
Receive Power, Laser Bias, Module Temperature, Laser
Temperature, APD Bias Voltage, TEC Current
• APD Based Receiver Sensitivity of -26dBm at 4.25Gb/s
• 80km Reach
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current (BOL)
Icc
-
-
375
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Case Temperature
Top
-5
-
70
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate Multirate
MR
-
4.25
-
Gb/s
General Operation
a) 20Hz to 155MHz
b) 20%-80% values
c) Measured at BER of 10-12, PRBS of 27-1, at eye center, 4.25Gb/s, 80km (1600ps/nm) fiber.
d) 2dB degradation of receiver sensitivity


Similar Part No. - SFPD-4F-08-27-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-16-A SOURCE-SFPD-4F-04-16-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-17-A SOURCE-SFPD-4F-04-17-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-18-A SOURCE-SFPD-4F-04-18-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-19-A SOURCE-SFPD-4F-04-19-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
More results

Similar Description - SFPD-4F-08-27-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
logo
MRV Communications, Inc...
SFPFC4DW08 MRV-SFPFC4DW08 Datasheet
130Kb / 5P
   4.25 Gbps Fibre Channel DWDM SFP Transceiver
logo
Source Photonics, Inc.
SPC-4F-08 SOURCE-SPC-4F-08 Datasheet
218Kb / 11P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-04-27CDA SOURCE-SPC-4F-04-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-27CDA SOURCE-SPC-4F-01-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-28-A SOURCE-SPC-4F-08-28-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com