Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH16820DL Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALVCH16820DL
Description  3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16820DL Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVCH16820DL Datasheet HTML 1Page - Texas Instruments SN74ALVCH16820DL Datasheet HTML 2Page - Texas Instruments SN74ALVCH16820DL Datasheet HTML 3Page - Texas Instruments SN74ALVCH16820DL Datasheet HTML 4Page - Texas Instruments SN74ALVCH16820DL Datasheet HTML 5Page - Texas Instruments SN74ALVCH16820DL Datasheet HTML 6Page - Texas Instruments SN74ALVCH16820DL Datasheet HTML 7Page - Texas Instruments SN74ALVCH16820DL Datasheet HTML 8Page - Texas Instruments SN74ALVCH16820DL Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN74ALVCH16820
3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS
AND 3-STATE OUTPUTS
SCES035E – JULY 1995 – REVISED FEBRUARY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
IOH
High level output current
VCC = 2.3 V
–12
mA
IOH
High-level output current
VCC = 2.7 V
–12
mA
VCC = 3 V
–24
VCC = 1.65 V
4
IOL
Low level output current
VCC = 2.3 V
12
mA
IOL
Low-level output current
VCC = 2.7 V
12
mA
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74ALVCH16820DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16820DL TI1-SN74ALVCH16820DL Datasheet
317Kb / 12P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH16820DLR TI1-SN74ALVCH16820DLR Datasheet
317Kb / 12P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH16820DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162820 TI-SN74ALVCH162820 Datasheet
126Kb / 9P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH162820 TI1-SN74ALVCH162820_15 Datasheet
437Kb / 13P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH16820 TI1-SN74ALVCH16820_09 Datasheet
317Kb / 12P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162820 HITACHI-HD74ALVCH162820 Datasheet
51Kb / 12P
   3.3-V 10-bit Flip Flops with Dual Outputs and 3-state Outputs
logo
Pericom Semiconductor C...
PI74ALVCH162820 PERICOM-PI74ALVCH162820 Datasheet
272Kb / 5P
   3.3V 10-Bit Flip-Flop with Dual Outputs and 3-State Outputs
logo
Texas Instruments
SN74ALVCH16721 TI-SN74ALVCH16721 Datasheet
137Kb / 9P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162721 TI1-SN74ALVCH162721_08 Datasheet
345Kb / 14P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162721 TI-SN74ALVCH162721 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16721 TI1-SN74ALVC16721 Datasheet
137Kb / 8P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16721 TI1-SN74ALVCH16721_08 Datasheet
371Kb / 16P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com