Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ761-1C-60DSE Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ761-1C-60DSE
Description  12 A SPDT MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ761-1C-60DSE Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ761-1C-60DSE Datasheet HTML 1Page - American Zettler, Inc. AZ761-1C-60DSE Datasheet HTML 2Page - American Zettler, Inc. AZ761-1C-60DSE Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A, 1 Form B)
Ratings
Resistive load:
Max. switched power: 360 W or 3324 VA
Max. switched current: 12 A
Max. switched voltage: 150* VDC or 400 VAC
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
UL, CUR
12 A at 277 VAC resistive, 50k cycles
(standard coils) [1]
12 A at 277 VAC resistive, 100k cycles
(standard coils) [2] [3]
10 A at 250 VAC resistive, 100k cycles
(sensitive coils) [1]
1/2 HP at 250 VAC (1 Form A) [1]
1/2 HP at 120VAC [1] 5mm spacing 1 pole
1/3 HP at 125 VAC (1 Form A) [1]
B300 Pilot Duty [2]
R300 Pilot Duty [2]
VDE
12 A at 250 VAC resistive, 30k cycles [1]
and 20k cycles [2]
Contact factory for additional VDE ratings
[1] Silver cadmium oxide, [2] Silver tin oxide
[3] Silver nickel
Material
Silver cadmium oxide or silver tin oxide or silver nickel
Gold plating available
Resistance
< 50 milliohms initially (using 6 V 1 A method)
COIL
Power
At Pickup Voltage
196 mW, (DC, standard)
(typical)
141 mW, (DC, sensitive)
0.43 VA (AC)
Max. Continuous
Dissipation
1.7 W at 20°C (68°F) ambient
Temperature Rise
26°C (47°F) at nominal coil voltage
17°C (31°F) at nominal coil voltage, sensitive coil
Max. Temperature
130°C (266°F) Class B
155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 12 A 240 VAC Res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Dropout
Greater than 10% of nominal coil voltage (DC)
Greater than 15% of nominal coil voltage (AC)
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 100°C (212°F)
-40°C (-40°F) to 105°C (221°F) sensitive coil
Storage
-40°C (-40°F) to 130°C (266°F) Class B
-40°C (-40°F) to 155°C (311°F) Class F
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P. C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
14 grams
AZ
AZ761
12 A SPDT MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low cost
• Epoxy sealed versions available
• 12 Amp switching
• AC and DC coils
• Class B (130°C) standard
• Class F (155°C) versions available
• Isolation spacing greater than 10 mm
• UL, CUR file E44211, VDE 40006031
10/17/07W


Similar Part No. - AZ761-1C-60DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ761-1C-60DS ZETTLER-AZ761-1C-60DS Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ761-1C-60DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com