Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC10-2400 Datasheet(PDF) 1 Page - Superworld Electronics

Part # PC10-2400
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PC10-2400 Datasheet(HTML) 1 Page - Superworld Electronics

  PC10-2400 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
PC10-2400 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
B
H
6
5
2
PC Terminal
(Plug-in mounting)
TYPE PC 6 PINS
W
B
4
3
1
PCB Pattern
4.76
(0.188)
A-6
6 PIN
10.16
(0.400)
SIZE
(VA)
24
57.90
(2.279)
(1.625)
41.28
LW
(1.375)
H
34.93
UNIT : mm (inch)
OPTIONAL BRACKET *
WT.
(gram)
474.87
(2.100)
B
53.34
24-BR
NO.
MW
34.93
MD
50.80
Series Connected
2
PRI
115V
1
4
5
3
6
Parallel Connected
115V
PRI
2
1
4
6
5
3
a. Primary Voltage
AC 115 V 60 Hz .
b. No Load Primary Current
Less Than 50mA .
c. Secondary Voltage (±5%)
Series AC 12.30 V .
Parallel AC 6.15 V .
d. Secondary Load Current
Series 2400mA .
Parallel 4800mA .
e. Full Load Primary Current
Less Than - mA .
f. Full Load Secondary Voltage (±5%)
Series 10.00V .
Pin 3-4
Pin 1-2
g. DC Resistance
Primary = 33.10 Ohm .
Parallel 5.00V .
Pin 5-6
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary = 0.34 Ohm .
= 0.37 Ohm .
DC 500V 100Meg Ohm Of More .
AC 1500V 60Hz 1 Minutes .
Less Than 60 Deg C .
EI-41 x 39.00 m/m .
j. Temperature Rise
k. Core Size
672
l. Turns & Wire Gauge
Primary
36
Secondary-1
36
Pin 3-4
Pin 1-2
Pin 5-6
Secondary-2
Turns Diameter
0.23
0.70
Turns Diameter
0.70
Turns Diameter
m/m .
m/m .
m/m .
(1.375)
(2.000)


Similar Part No. - PC10-2400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC10-2-TO5 ETC2-PC10-2-TO5 Datasheet
484Kb / 2P
   Part Description PC10-2 TO Order 500041
logo
Maxwell Technologies
PC10-270 MAXWELL-PC10-270 Datasheet
874Kb / 4P
   PC SERIES ULTRACAPACITORS
PC10-270 MAXWELL-PC10-270 Datasheet
1Mb / 5P
   PC SERIES ULTRACAPACITORS
More results

Similar Description - PC10-2400

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com