Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPD-MR-D1247CDA Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # XPD-MR-D1247CDA
Description  10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XPD-MR-D1247CDA Datasheet(HTML) 5 Page - Source Photonics, Inc.

  XPD-MR-D1247CDA Datasheet HTML 1Page - Source Photonics, Inc. XPD-MR-D1247CDA Datasheet HTML 2Page - Source Photonics, Inc. XPD-MR-D1247CDA Datasheet HTML 3Page - Source Photonics, Inc. XPD-MR-D1247CDA Datasheet HTML 4Page - Source Photonics, Inc. XPD-MR-D1247CDA Datasheet HTML 5Page - Source Photonics, Inc. XPD-MR-D1247CDA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10 Gbps 120km DWDM Multirate XFP Transceiver
Preliminary
XPD-MR-D12-xxCDA
5
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS640-AUG072007
Rev. 0.3
Pinout Diagram
Host PCB XFP Pinout T op View
TOWARD
ASIC
TOWARD
BEZEL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
GND
MOD_DESEL
INTERR UPT
TX_DIS
VEE5
VCC5
GND
VCC3
VCC3
SCL
SDA
MOD_ABS
MOD_NR
RX_LOS
GND
GND
TD+
TD-
GND
GND
REF CLK-
REF CLK+
GND
VCC2
P_D OWN/RST
VCC2
GND
RD+
RD-
GND
Mechanical Drawing
.451
11.47
.150
3.80
.237
6.02
.246
6.25
.720
18.29
.272
6.91
.636
16.15
DIMENSIONS DEFINED BY XFP MULTISOURCING AGREEMENT (MSA).
NOTES: UNLESS OTHERWISE SPECIFIED
LUMINENOIC'S XFP TRANSCEIVERS ARE COMPLIANT WITH THE
1.
.480
12.19
2.720
69.09
.332
8.44
77.98
3.070
.352
8.95
ISO VIEW


Similar Part No. - XPD-MR-D1247CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-16CDA SOURCE-XPD-MR-04-16CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-17CDA SOURCE-XPD-MR-04-17CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-18CDA SOURCE-XPD-MR-04-18CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-19CDA SOURCE-XPD-MR-04-19CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
More results

Similar Description - XPD-MR-D1247CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
   10 Gbps 120km Multirate XFP Transceiver Preliminary
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
   10 Gbps 80km Multirate XFP Transceiver Preliminary
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
   10 Gbps 40km Multirate XFP Transceiver Preliminary
logo
MRV Communications, Inc...
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
   10 Gbps DWDM Multirate XFP Transceivers
XFP-10GD-LR12P MRV-XFP-10GD-LR12P Datasheet
100Kb / 5P
   10 Gbps Multirate XFP Transceivers
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com