Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ756-1A-5DK Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ756-1A-5DK
Description  20 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ756-1A-5DK Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ756-1A-5DK Datasheet HTML 1Page - American Zettler, Inc. AZ756-1A-5DK Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 16 A 240 VAC Res.
Operate Time (typical)
20 ms at nominal coil voltage
Release Time (typical)
10 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 130°C (266°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P. C. and Quick Connects
Note: Allow suitable slack on leads when wiring, and do
not subject the terminals to excessive force.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Weight
13 grams
AZ756
1/17/07W
20 AMP MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low cost
• 20 Amp switching — single pole contacts
• Isolation spacing greater than 8mm
• UL Class B insulation system standard
Class F available
• UL, CUR file E43203, TÜV R50099406
CONTACTS
Arrangement
SPST - N.O.
Ratings
Resistive load:
Max. switched power: 480 W or 4000 VA
Max. switched current: 20 A
Max. switched voltage: 150* VDC or 277 VAC
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
20 A at 125 VAC Resistive, 100k cycles
UL, CUR
16 A at 250 VAC Resistive, 100k cycles
16 A at
30 VDC Resistive, 100k cycles
TÜV
16 A at 250 VAC Resistive, 100k cycles
16 A at
30 VDC Resistive, 50k cycles
Material
Silver tin oxide
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
COIL
Power
At Pickup Voltage
340 mW
(typical)
Max. Continuous
1.5 W at 20°C (68°F) ambient
Dissipation
1.1 W at 40°C (104°F) ambient
Temperature Rise
41°C (74°F) at nominal coil voltage
Temperature
Max. 130°C (266°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ756-1A-5DK

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7500B BCDSEMI-AZ7500B Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500BM BCDSEMI-AZ7500BM Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500BM-E1 BCDSEMI-AZ7500BM-E1 Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500BM-E1 BCDSEMI-AZ7500BM-E1 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500BM-G1 BCDSEMI-AZ7500BM-G1 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ756-1A-5DK

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755_12 Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ755 ZETTLER-AZ755 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2300 AZETTLER-AZ2300 Datasheet
86Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760 Datasheet
47Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ757 AZETTLER-AZ757 Datasheet
142Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
Picker Components
PC393 PICKER-PC393_17 Datasheet
573Kb / 2P
   20 Amp Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ764F ZETTLER-AZ764F Datasheet
94Kb / 4P
   20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com