Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ755-1C-12D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ755-1C-12D
Description  20 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ755-1C-12D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ755-1C-12D Datasheet HTML 1Page - American Zettler, Inc. AZ755-1C-12D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL DATA
AZ755
4/24/09W
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil
Form A
Form C
VDC
VDC
VDC
Resistance
(SPST)
(SPDT)
5
3.6
9.4
47 ±10%
AZ755–1A–5D
AZ755–1C–5D
6
4.3
11.4
69 ±10%
AZ755–1A–6D
AZ755–1C–6D
9
6.5
17.4
155 ±10%
AZ755–1A–9D
AZ755–1C–9D
12
8.6
22.8
275 ±10%
AZ755–1A–12D
AZ755–1C–12D
18
13.0
27.9
620 ±10%
AZ755–1A–18D
AZ755–1C–18D
24
17.3
45.7
1100 ±15%
AZ755–1A–24D
AZ755–1C–24D
48
34.6
89.0
4400 ±15%
AZ755–1A–48D
AZ755–1C–48D
60
43.2
115.3
6880 ±15%
AZ755–1A–60D
AZ755–1C–60D
110**
79.3
170.5
22900 ±15%
AZ755–1A–110D
AZ755–1C–110D
*Add suffix “E” for epoxy sealed version, suffix “A” for AgSnO (silver tin oxide) contacts. Substitute “1B” in place of “1A” or “1C” to indicate 1 Form B
contact arrangement. Add suffix “F” for Class F.
**110V coil not TÜV approved.
HARDWARE ORDERING DATA
DESCRIPTION
ORDER NUMBER
DESCRIPTION
ORDER NUMBER
Socket
ST484–U1
Retainer
ST482–2
Form A and C
Form A
WIRING DIAGRAM
PC BOARD LAYOUT
Form C
4
3
5
6
8
1
87
6
5
1
2
3
4
1.14
(29)
.51
(13)
.08
(2.1)
(Form B & C only)
.590
(15)
.197
(5)
.197
(5)
.295 (7.5)
.05 DIA. (1.3)
(6 places Form A & B)
(8 places Form C)
Terminal No.
1,2,4,5,7,8
3,6
Dimensions Tol.: ± 0.005 (0.13)
0.018 (0.457) x 0.038 (0.965)
0.011 (0.279) x 0.038 (0.965)
Viewed toward terminals
Viewed toward terminals
(Form A and C only)
Form B
8
1
76
2
3
.500
(12.7)
1.22
(30.9)
1.28
(32.5)
.177
(4.5)
MAX
.354
(9.0)
.366
(9.3)
.125 DIA
(0.5)
.197
(5.0)
.295
(7.5)
.590 (15)
.197
(5.0)
.059 DIA
(1.5)
.118
(3.0)
.414
(10.5)
HARDWARE
RETAINING CLIP
Viewed toward terminals
ST484-U1
ST482-2
1.217
(30.9)
1.004
(26.5)
.138
(3.5)
.158
(4.0)


Similar Part No. - AZ755-1C-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ755-1C-12D ZETTLER-AZ755-1C-12D Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ755-1C-12D ZETTLER-AZ755-1C-12D Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ755-1C-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755_12 Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ755 ZETTLER-AZ755 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2300 AZETTLER-AZ2300 Datasheet
86Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760 Datasheet
47Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ757 AZETTLER-AZ757 Datasheet
142Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
Picker Components
PC393 PICKER-PC393_17 Datasheet
573Kb / 2P
   20 Amp Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ764F ZETTLER-AZ764F Datasheet
94Kb / 4P
   20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com