Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ755-1A-60D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ755-1A-60D
Description  20 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ755-1A-60D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ755-1A-60D Datasheet HTML 1Page - American Zettler, Inc. AZ755-1A-60D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPST (1 Form A, 1 Form B)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 480 W or 5540 VA
Max. switched current: 20 A
Max. switched voltage: 150* VDC or 380 VAC
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
20 A at 277 VAC N.O. resistive, 50k cycles
UL, CUR
16 A at 240 VAC general use, 100k cycles
12 A at 277 VAC N.O. resistive., 100k cycles
20 A at
24 VDC resistive
1 HP 240 VAC
TV-8 120 VAC N.O. (silver tin oxide only)
TÜV
16 A at 30 VDC, 250 VAC resistive, 30k cycles*
13 A at 420 VAC resistive, 30k cycles *
*approval for form A , C, and Class F only
Material
Silver cadmium oxide (silver tin oxide available)
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
AZ755
4/24/09W
20 AMP MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low cost
• Epoxy sealed version available
• 20 Amp switching — single pole contacts
• Isolation spacing greater than 8mm
• UL Class B insulation system standard, Class F available
• UL, CUR file E44211
• TÜV file R50129286
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
5 x 106
Electrical
5 x 104 at 16 A 240 VAC Res.
2 x 104 at 20 A 277 VAC Res.
Operate Time (typical)
8 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 90°C (194°F)
Storage
-40°C (-40°F) to 130°C (266°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P. C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 Seconds
Weight
18.5 grams
COIL
Power
At Pickup Voltage
270 mW
(typical)
Max. Continuous
Dissipation
1.9 W at 20°C (68°F) ambient
Temperature Rise
34°C (61°F) at nominal coil voltage
Temperature
Max. 130°C (266°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ755-1A-60D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ755-1A-60D ZETTLER-AZ755-1A-60D Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ755-1A-60D ZETTLER-AZ755-1A-60D Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ755-1A-60D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755_12 Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ755 ZETTLER-AZ755 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2300 AZETTLER-AZ2300 Datasheet
86Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760 Datasheet
47Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ757 AZETTLER-AZ757 Datasheet
142Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
Picker Components
PC393 PICKER-PC393_17 Datasheet
573Kb / 2P
   20 Amp Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ764F ZETTLER-AZ764F Datasheet
94Kb / 4P
   20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com