Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ732-509-52 Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ732-509-52
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ732-509-52 Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ732-509-52 Datasheet HTML 1Page - American Zettler, Inc. AZ732-509-52 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
STANDARD RELAYS: 2 Form C (DPDT) Contacts
COIL SPECIFICATIONS
Nominal
Max.
Coil
Must
ORDER NUMBER*
Coil
Continuous Resistance
Operate
VDC
VDC
± 10%
VDC
Unsealed
Sealed
5
8
38
3.5
AZ732–125–2
AZ2732–125–2
6
10
58
4.2
AZ732–112–2
AZ2732–112–2
12
19
215
8.4
AZ732–08–2
AZ2732–08–2
24
35
740
16.8
AZ732–560–2
AZ2732–560–2
48
74
3,200
33.6
AZ732–04–2
AZ2732–04–2
SENSITIVE RELAYS: 2 Form C (DPDT) Contacts
5
9
47
3.5
AZ732–118–52
AZ2732–118–52
6
11
70
4.2
AZ732–509–52
AZ2732–509–52
12
21
270
8.4
AZ732–521–52
AZ2732–521–52
24
43
1,100
16.8
AZ732–053–52
AZ2732–053–52
48
86
4,400
33.6
AZ732–510–52
AZ2732–510–52
* Substitute “4 or 54,” “6 or 56” in place of “2 or 52” to indicate 2 Form A and 2 Form B respectively.
AZ732
7/26/02W
Passed International Electrical Code IEC 380
Germany
VDE 0860/8.81 paragraphs 10, 14
VDE 0806/8.81 paragraphs 7, 11, 15, 16, 29
VDE 0631/9.77 paragraphs 9, 12, 14
VDE 0730/T.1/3.72 paragraph 22
VDE 0435/9.72 (with production monitoring)
U.S.A.
UL File E44211
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
.177
(4.5)
MAX
.354
(9.0)
.366
(9.3)
HARDWARE
.500
(12.7)
1.22
(30.9)
1.28
(32.5)
.125 DIA
(10.5)
.414
(10.5)
.591 (15)
.075 (1.9)
.295
(7.5)
.051 DIA
(1.3)
(8 HOLES)
.197 (5)
.197 (5)
PC BOARD LAYOUT
Viewed toward terminals
.024
(0.6) DIA
.154
(3.9)
1.11 MAX
(28.1)
.496 MAX
(12.6)
1.03
(26.1)
.016
(0.4)
.008
(0.2)
.040
(1.0)
*
* SEALED VERSION STAND OFF .025 (0.6)
WIRING DIAGRAMS
2 FORM B
(DPST-NC)
2 FORM A
(DPST-NO)
2 FORM C
(DPDT)
8
5
4
3
7
6
2
1
2
1
2
1
8
5
4
7
4
3
7
6
.197
(5.0)
1.217
(30.9)
.158
(4.0)
1.044
(26.5)
.138 (3.5)
.295
(7.5)
.792
(20.1)
.197
(5.0)
.059 DIA
(1.5)
.118
(3.0)
RETAINING CLIP
PC BOARD LAYOUT
Viewed toward terminals
Viewed toward terminals
MECHANICAL DATA
INTERNATIONAL APPROVALS
HARDWARE ORDERING DATA
DESCRIPTION
ORDER NUMBER
Socket
ST484–U1
Retaining Clip
ST482–2
Coil Temperature Rise
Percent of Nominal Coil Voltage (at 20˚C)
60%
80%
100%
120%
140%
160%
180%
200%
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
8A
Standard
Sensitive
0A
Percent of Nominal Coil Voltage (at 20˚C)
60%
80%
100%
120%
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
8A
0A
Maximum Switching Capacity
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VOLTAGE
DC Resistive Load
AC Resistive
Load


Similar Part No. - AZ732-509-52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ732 ZETTLER-AZ732 Datasheet
144Kb / 3P
   Technische Daten
More results

Similar Description - AZ732-509-52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com