Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ732-125-2 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ732-125-2
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ732-125-2 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ732-125-2 Datasheet HTML 1Page - American Zettler, Inc. AZ732-125-2 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
DPDT (2 Form C)
Ratings
Resistive load:
Max. switched power: 300 W or 2770 VA
Max. switched current: 10 A, 51 A for 2 ms
Max. switched voltage: 150* VDC or 400 VAC
UL Rating:10 A at 30 VDC or 277 VAC
1
/8 HP 120 VAC motor load
*Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Silver cadmium oxide
Resistance
< 30 milliohms initially
(at rated current, voltage drop method)
COIL
Power
At Pickup Voltage
Standard coil: 337 mW
(typical)
Sensitive coil: 250 mW
Max. Continuous
1.9 W at 20°C (68°F) ambient
Dissipation
1.4 W at 40°C (104°F) ambient
Temperature Rise
Standard: 40°C (72°F) at nominal coil
voltage
Sensitive: 32°C (58°F) at nominal coil
voltage
Temperature
Max. 110°C (230°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.
AZ732
7/26/02W
MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 4000 Vrms coil to contact
• Isolation spacing greater than 8 mm
• Approvals/Standards include: UL, VDE, IEC, SEMKO,
CEE
• Double pole — Forms A, B, C, available
• 10 Amp switching
• SLIMPAK™ version saves board space
• Epoxy sealed version for automatic wave soldering and
cleaning
• UL, CUR file E44211; VDE 4120–4940–4002/A1
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
30 million
Electrical
1 x 105 at 10 A 30 VDC
1 x 105 at 10 A 115 VAC
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
4000 Vrms contacts to coil
(at sea level for 1 min.) 2500 Vrms contact to contact
1000 Vrms between open contacts
Insulation
10,000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Standard: -55°C (-67°F) to 70°C (158°F)
Sensitive: -55°C (-67°F) to 80°C (176°F)
Storage
Both: -55°C (-67°F) to 110°C (230°F)
Vibration
0.062" DA at 10–55 Hz
Shock
20 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
20 grams


Similar Part No. - AZ732-125-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ732 ZETTLER-AZ732 Datasheet
144Kb / 3P
   Technische Daten
More results

Similar Description - AZ732-125-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com