Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7846AP Datasheet(PDF) 11 Page - Analog Devices

Part # AD7846AP
Description  16-Bit Voltage Output DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices AD7846AP Datasheet HTML 10Page - Analog Devices AD7846AP Datasheet HTML 11Page - Analog Devices AD7846AP Datasheet HTML 12Page - Analog Devices AD7846AP Datasheet HTML 13Page - Analog Devices AD7846AP Datasheet HTML 14Page - Analog Devices AD7846AP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7846
REV. E
–11–
POSITION MEASUREMENT APPLICATION
Figure 22 shows the AD7846 in a position measurement appli-
cation using an LVDT (Linear Variable Displacement Trans-
ducer), an AD630 synchronous demodulator and a comparator
to make a 16-bit LVDT-to-Digital Converter. The LVDT is
excited with a fixed frequency and fixed amplitude sine wave
(usually 2.5 kHz, 2 V pk-pk). The outputs of the secondary coil
are in antiphase and their relative amplitudes depend on the
position of the core in the LVDT. The AD7846 output interpo-
lates between these two inputs in response to the DAC input
code. The AD630 is set up so that it rectifies the DAC output
signal. Thus, if the output of the DAC is in phase with the
VREF+ input, the inverting input to the comparator will be posi-
tive, and if it is in phase with VREF–, the output will be negative.
By turning on each bit of the DAC in succession starting with
the MSB, and deciding to leave it on or turn it off based on the
comparator output, a 16-bit measurement of the core position is
obtained.
AD7846*
LVDT
RIN
VOUT
DGND
VREF+
VREF–
DB0
DB15
R1
100k
C1
1 F
PROCESSOR DATA BUS
SIGNAL
GROUND
TO
PROCESSOR PORT
*ADDITIONAL PINS
OMITTED FOR CLARITY
–(1–x)ASIN
t
x ASIN
t
ASIN
t
AD630*
Figure 22. AD7846 in Position Measurement Application
MICROPROCESSOR INTERFACING
AD7846-to-8086 Interface
Figure 23 shows the 8086 16-bit processor interfacing to the
AD7846. The double buffering feature of the DAC is not used
in this circuit since
LDAC is permanently tied to 0 V. AD0–
AD15 (the 16-bit data bus) are connected to the DAC data bus
(DB0–DB15). The 16-bit word is written to the DAC in one
MOV instruction and the analog output responds immediately.
In this example, the DAC address is D000H.
AD7846*
+5V
DATA BUS
*LINEAR CIRCUITRY
OMITTED FOR CLARITY
CS
LDAC
CLR
R/
W
DB0–DB15
16-BIT
LATCH
8086
ALE
DEN
RD
WR
AD0–AD15
ADDRESS
DECODE
ADDRESS BUS
Figure 23. AD7846-to-8086 Interface Circuit
In a multiple DAC system, the double buffering of the AD7846
allows the user to simultaneously update all DACs. In Figure
24, a 16-bit word is loaded to the input latches of each of the
DACs in sequence. Then, with one instruction to the appropri-
ate address,
CS4 (i.e., LDAC) is brought low, updating all the
DACs simultaneously.
AD7846*
CS
LDAC
CLR
R/
W
DB0–DB15
+5V
DATA BUS
*LINEAR CIRCUITRY
OMITTED FOR CLARITY
16-BIT
LATCH
8086
ALE
DEN
RD
WR
AD0–AD15
ADDRESS
DECODE
ADDRESS BUS
AD7846*
CS
LDAC
CLR
R/
W
DB0–DB15
+5V
AD7846*
CS
LDAC
CLR
R/
W
DB0–DB15
+5V
Figure 24. AD7846-to-8086 Interface: Multiple DAC System
AD7846-to-MC68000 Interface
Interfacing between the AD7846 and MC68000 is accom-
plished using the circuit of Figure 25. The following routine
writes data to the DAC latches and then outputs the data via the
DAC latch.
1000
MOVE.W #W, D0
The desired DAC data, W,
is loaded into Data Regis-
ter 0. W may be any value
between 0 and 65535
(decimal) or 0 and FFFF
(hexadecimal).
MOVE.W D0, $E000
The data, W, is transferred
between D0 and the DAC
register.
MOVE.W #228, D7
Control is returned to the
TRAP
#14
System Monitor using
these two instructions.


Similar Part No. - AD7846AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846AP AD-AD7846AP Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846APZ AD-AD7846APZ Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
More results

Similar Description - AD7846AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
   Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Texas Instruments
DAC161S055 TI-DAC161S055_13 Datasheet
918Kb / 27P
[Old version datasheet]   DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com