Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2692-112-2 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ2692-112-2
Description  10 AMP MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2692-112-2 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ2692-112-2 Datasheet HTML 1Page - American Zettler, Inc. AZ2692-112-2 Datasheet HTML 2Page - American Zettler, Inc. AZ2692-112-2 Datasheet HTML 3Page - American Zettler, Inc. AZ2692-112-2 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 300 W or 2500 VA
Max. switched current: 10 A; 64 A for 2 ms
Max. switched voltage: 150* VDC or 380 VAC
UL Rating
10 A at 24 VDC or 115 VAC
1
/4 HP 120 VAC motor load
10 A at 250 VAC
B 300 pilot duty
* If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Silver cadmium oxide
Resistance
< 30 milliohms initially
(at rated current, voltage drop method)
AZ692/AZ693
7/24/02W
10 AMP MINIATURE
POWER RELAY
FEATURES
• Isolation spacing greater than 8 mm
• Dielectric strength 4000 Vrms coil to contact
• Approvals/Standards include UL, VDE, IEC
• Single pole — Forms A, B, C available
• 10 Amp switching
• Life expectancy to 30 million operations
• Epoxy sealed version for automatic wave soldering
and cleaning
• UL, CUR file E44211; VDE 4120–4940–4002/A1
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
30 million operations
Electrical
1 x 105 at 10 A, 30 VDC or 115 VAC
2 x 105 at 8 A, 250 VAC
Operate Time (typical)
6 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
10,000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Standard: -55°C (-67°F) to 70°C (158°F)
Sensitive: -55°C (-67°F) to 80°C (176°F)
Storage
Both: -55°C (-67°F) to 110°C (230°F)
Vibration
0.062" DA at 10–55 Hz
Shock
20 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
17 grams
COIL
Power
At Pickup Voltage
Standard coil: 337 mW
(typical)
Sensitive coil: 234 mW
Max. Continuous
1.9 W at 20°C (68°F) ambient
Dissipation
1.4 W at 40°C (104°F) ambient
Temperature Rise
Standard: 40°C (72°F) at nominal
coil voltage
Sensitive: 26°C (47°F) at nominal
coil voltage
Temperature
Max. 110°C (230°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.


Similar Part No. - AZ2692-112-2

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2692-518-51 ZETTLER-AZ2692-518-51 Datasheet
227Kb / 3P
   Technische Daten
AZ2692-518-51 ZETTLER-AZ2692-518-51 Datasheet
227Kb / 3P
   Technische Daten
More results

Similar Description - AZ2692-112-2

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ697 AZETTLER-AZ697 Datasheet
92Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com