Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ692-08-2 Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ692-08-2
Description  10 AMP MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ692-08-2 Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ692-08-2 Datasheet HTML 1Page - American Zettler, Inc. AZ692-08-2 Datasheet HTML 2Page - American Zettler, Inc. AZ692-08-2 Datasheet HTML 3Page - American Zettler, Inc. AZ692-08-2 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HARDWARE ORDERING DATA — AZ693
DESCRIPTION
ORDER NUMBER
DESCRIPTION
ORDER NUMBER
Socket
ST483–U1
Retainer
ST482–2
† See following pages for diagram
RELAY ORDERING DATA: Single Pole .100 Spacing
STANDARD RELAYS: 1 Form C (SPDT)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
VDC
VDC
± 10%
VDC
Unsealed
Sealed
5
8
38
3.5
AZ693–125–2
AZ2693–125–2
6
10
58
4.2
AZ693–112–2
AZ2693–112–2
12
19
215
8.4
AZ693–08–2
AZ2693–08–2
24
35
740
16.8
AZ693–560–2
AZ2693–560–2
48
74
3,200
33.6
AZ693–04–2
AZ2693–04–2
SENSITIVE RELAYS: 1 Form C (SPDT)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
VDC
VDC
± 10%
VDC
Unsealed
Sealed
5
8
47
3.5
AZ693–118–52
AZ2693–118–52
6
10
80
4.2
AZ693–010–52
AZ2693–010–52
12
21
330
8.4
AZ693–071–52
AZ2693–071–52
24
41
1,200
16.8
AZ693–052–52
AZ2693–052–52
48
80
4,700
33.6
AZ693–518–52
AZ2693–518–52
*Substitute “4 or 54,” “6 or 56” in place of “2 or 52” to indicate 1 Form A and 1 Form B respectively.
AZ692/AZ693
7/24/02W
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Voltage
DC Resistive
Load
AC Resistive
Load
AZ692
AZ693
.476 max.
(12.1) max.
1.11 max.
(28.2) max.
1.03 max.
(26.1) max.
*SEALED VERSION STAND OFF .025 (0.6)
.040
(1.0)
.008
(0.2)
.100
(2.5)
.700
(17.8)
.100
(2.5)
.300
(7.6)
.051 DIA
(1.3)
5 HOLES
.100
(2.5)
.024 DIA
(0.6)
.154
(3.9)
.016
(0.4)
AZ693
PC BOARD LAYOUT
WIRING DIAGRAM
I FORM C
(SPDT)
I FORM B
(SPDT - NC)
I FORM A
(SPDT - NO)
4
5
1
2
1
2
1
2
4
3
3
4
5
Viewed toward terminals
Viewed toward terminals
*
MECHANICAL DATA
MAXIMUM SWITCHING CAPACITY


Similar Part No. - AZ692-08-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ692 ZETTLER-AZ692 Datasheet
227Kb / 3P
   Technische Daten
More results

Similar Description - AZ692-08-2

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ697 AZETTLER-AZ697 Datasheet
92Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com