Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-155-T3-SSC9 Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # C-13-155-T3-SSC9
Description  155 Mbps Single Mode Transceiver (Long-Reach)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T3-SSC9 Datasheet(HTML) 5 Page - Source Photonics, Inc.

  C-13-155-T3-SSC9 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
155 Mbps Single Mode Transceiver
(Long-Reach)
C-13-155(C)-T(3)-SSC7(9)
Package Diagram
SC Transceiver Assembly 10.4 mm
B/E :Blue Case
C/D : Black Case
Blank :Black Case
A : Blue Case


Similar Part No. - C-13-155-T3-SSC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T3-SSC9 SOURCE-C-13-155-T3-SSC9 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9-G5 SOURCE-C-13-155-T3-SSC9-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9A SOURCE-C-13-155-T3-SSC9A Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9A-G5 SOURCE-C-13-155-T3-SSC9A-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9B SOURCE-C-13-155-T3-SSC9B Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
More results

Similar Description - C-13-155-T3-SSC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com