Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B-13-1250C-T3-SSCE Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # B-13-1250C-T3-SSCE
Description  1.25 Gbps Single Mode Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-1250C-T3-SSCE Datasheet(HTML) 2 Page - Source Photonics, Inc.

  B-13-1250C-T3-SSCE Datasheet HTML 1Page - Source Photonics, Inc. B-13-1250C-T3-SSCE Datasheet HTML 2Page - Source Photonics, Inc. B-13-1250C-T3-SSCE Datasheet HTML 3Page - Source Photonics, Inc. B-13-1250C-T3-SSCE Datasheet HTML 4Page - Source Photonics, Inc. B-13-1250C-T3-SSCE Datasheet HTML 5Page - Source Photonics, Inc. B-13-1250C-T3-SSCE Datasheet HTML 6Page - Source Photonics, Inc. B-13-1250C-T3-SSCE Datasheet HTML 7Page - Source Photonics, Inc. B-13-1250C-T3-SSCE Datasheet HTML 8Page - Source Photonics, Inc. B-13-1250C-T3-SSCE Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
1.25 Gbps Single Mode Transceiver
C-13-1250(C)-T(3)-SSC(2)
2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS601-May1806
Rev A.3
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical Transmit Power
Po
-10
-
-3
dBm
C-13-1250(C)-T(3)-SSC
Optical Transmit Power
Po
-5
-
0
dBm
C-13-1250(C)-T(3)-SSC2
Output center Wavelength
λ
1270
1310
1355
nm
C-13-1250(C)-T(3)-SSC
Output center Wavelength
λ
1275
1310
1350
nm
C-13-1250(C)-T(3)-SSC2
Output Spectrum Width
λ
-
-
4
nm
RMS(
σ), C-13-1250(C)-T(3)-SSC
Output Spectrum Width
λ
-
-
2.5
nm
RMS(
σ), C-13-1250(C)-T(3)-SSC2
Extinction Ratio
ER
9
-
-
dB
Output Eye
Compliant with IEEE 802.3
Optical Rise Time
tr
-
-
0.26
ns
20% to 80% Values
Optical Fall Time
tf
-
-
0.26
ns
20% to 80% Values
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.27
ns
Measured with 27-1 PRBS
Transmitter Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Power Supply Current
ICC
-
-
180
mA
Maximum current is specified at
Vcc= Maximum @ maximum temperature
Data Input Current-Low
IIL
-350
-
-
µA
Data Input Current-High
IIH
-
-
350
µA
Differential Input Voltage
VIH-VIL
300
-
-
mV
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH
and 100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications


Similar Part No. - B-13-1250C-T3-SSCE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-1250C-TDPM3-SFC-60 SOURCE-B-13-1250C-TDPM3-SFC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SMU-60 SOURCE-B-13-1250C-TDPM3-SMU-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SSC-60 SOURCE-B-13-1250C-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TDPM3-SST-60 SOURCE-B-13-1250C-TDPM3-SST-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250C-TPM3-SFC-60 SOURCE-B-13-1250C-TPM3-SFC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
More results

Similar Description - B-13-1250C-T3-SSCE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
C-13-1250AC-T-SSC SOURCE-C-13-1250AC-T-SSC Datasheet
537Kb / 8P
   1.25 Gbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-7140G_2015 OPTOWAY-SPS-7140G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380_2015 OPTOWAY-SPS-7380_2015 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160G_2015 OPTOWAY-SPS-73160G_2015 Datasheet
147Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_15 Datasheet
150Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7110G OPTOWAY-SPS-7110G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130G OPTOWAY-SPS-7130G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380 OPTOWAY-SPS-7380_15 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com