Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-155-T-SSC9 Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # C-13-155-T-SSC9
Description  155 Mbps Single Mode Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T-SSC9 Datasheet(HTML) 2 Page - Source Photonics, Inc.

  C-13-155-T-SSC9 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T-SSC9 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T-SSC9 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T-SSC9 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T-SSC9 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T-SSC9 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-T-SSC9 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
155 Mbps Single Mode Transceiver
C-13-155(C)-T3-SXX3(5)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS272-JAN2904
rev. 0
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
160
mA
Maximum current is specified at Vcc= Maximum @
maximum temperature
Data Input Current-Low
IIL
-350
-
-
µA
Data Input Current-High
IIH
-
-
350
µA
Differential Input Voltage
VIH-VIL
300
-
-
mV
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH and
100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications, (0<Topr<70ºC, 3.1V<VCC<3.5V)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Sensitivity
-
-
-
-34
dBm
measured with 223-1 PRBS with 72 ones
and 72 zeros. C-13-155-T3-SXX3
Sensitivity
-
-
-
-35
dBm
measured with 223-1 PRBS with 72 ones
and 72 zeros. C-13-155(C)-T3-SXX5
Maximum Input Power
Pin
-7
-
-
dBm
C-13-155(C)-T3-SXX3
Maximum Input Power
Pin
0
-
-
dBm
C-13-155(C)-T3-SXX5
Signal Detect-Asserted
Pa
-
-
-34
dBm
C-13-155(C)-T3-SXX3, Measured on
transition: low to high
Signal Detect-Asserted
Pa
-
-
-35
dBm
C-13-155(C)-T3-SXX5, Measured on
transition: low to high
Signal Detect-Deasserted
Pd
-47
-
-
dBm
C-13-155-T3-SXX3(5)
Measured on transition: high to low
Signal Detect-Hysteresis
1.0
-
4.0
dB
Wavelength of Operation
1100
-
1600
nm
Receiver Specifications, (0<Topr<70ºC, 3.1V<VCC<3.5V)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
100
mA
The current excludes the output load current
Data Output Voltage-Low
VOL -Vcc
-2
-
-1.58
V
These outputs are compatible with 10K,
10KH and 100KECL and LVPECL outputs.
Data Output Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL-Vcc
-2
-
-1.58
V
C-13-155-T3-SXX3(5) LVPECL SD Output
Signal Detect Output Voltage-High
VSDH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL
-
-
0.5
V
C-13-155(C)-T3-SXX3(5) LVTTL SD Output
Signal Detect Output Voltage-High
VSDH
2.0
-
-
V
Receiver Specifications, (0<Topr<70ºC, 3.1V<VCC<3.5V)


Similar Part No. - C-13-155-T-SSC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T-SSC9 SOURCE-C-13-155-T-SSC9 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
C-13-155-T-SSC9A SOURCE-C-13-155-T-SSC9A Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
C-13-155-T-SSC9B SOURCE-C-13-155-T-SSC9B Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
C-13-155-T-SSC9C SOURCE-C-13-155-T-SSC9C Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
C-13-155-T-SSC9D SOURCE-C-13-155-T-SSC9D Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
More results

Similar Description - C-13-155-T-SSC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-3380W_2015 OPTOWAY-SPS-3380W_2015 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com