Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L817PW Datasheet(PDF) 2 Page - Superworld Electronics

Part # L817PW
Description  HIGH CURRENT MOLDED POWER INDUCTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L817PW Datasheet(HTML) 2 Page - Superworld Electronics

  L817PW Datasheet HTML 1Page - Superworld Electronics L817PW Datasheet HTML 2Page - Superworld Electronics L817PW Datasheet HTML 3Page - Superworld Electronics L817PW Datasheet HTML 4Page - Superworld Electronics L817PW Datasheet HTML 5Page - Superworld Electronics L817PW Datasheet HTML 6Page - Superworld Electronics L817PW Datasheet HTML 7Page - Superworld Electronics L817PW Datasheet HTML 8Page - Superworld Electronics L817PW Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
7. ELECTRICAL CHARACTERISTICS :
L817PW SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
h) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
g) Saturation Current (Isat) : Will cause L to drop approximately 20% typ.
a) Test Freq. : L : 100KHz/1.0VDC; Q : 100KHz/1.0VDC
f) Heat Rated Current (Irms) : Will cause the coil temp. rise approximately T=40°C without core loss.
b) Ambient Temp. : 20°C
c) Operating Temp. : -55°C to +125°C
d) Storage Temp. :
-55°C to +125°C
0
6. GENERAL SPECIFICATION :
e) Humidity Range : 50 ~ 60% RH
L817PW-1R0MF
L817PW-R47MF
L817PW-3R3MF
L817PW-2R2MF
L817PW-1R5MF
L817PW-R68MF
L817PW-R36MF
18
1.0
3.3
2.2
1.5
0.47
0.68
0.36
10
12
15
23
30
32
14
16
22
20
7.1
5.4
3.8
4.5
32
38
40
2.4
1.5
1.2
Part No.
Irms
( A )
( µH )
Inductance L
±20% @ 0 Adc
0
( A )
Isat
( m )
Max.
DCR
L817PW-100MF
L817PW-6R8MF
L817PW-4R7MF
7.0
5.0
9.0
4.7
10.0
6.8
11
9
13
12.3
20.5
26.5
Typ.
Typ.
20
20
20
20
20
10
10
Min.
Q
20
20
20
HIGH CURRENT MOLDED POWER INDUCTORS


Similar Part No. - L817PW

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-100MF SUPERWORLD-L810HW-100MF Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF SUPERWORLD-L810HW-1R0MF Datasheet
557Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF-11 SUPERWORLD-L810HW-1R0MF-11 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW-1R0MF-12 SUPERWORLD-L810HW-1R0MF-12 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results

Similar Description - L817PW

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L825HW SUPERWORLD-L825HW Datasheet
303Kb / 7P
   HIGH CURRENT MOLDED POWER INDUCTORS
logo
Central Technologies
CTIHSM5832F CT-CTIHSM5832F Datasheet
170Kb / 1P
   Power Inductors - Molded High Current
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW_10 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L811HW SUPERWORLD-L811HW_10 Datasheet
586Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L813PW SUPERWORLD-L813PW Datasheet
500Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L816PW SUPERWORLD-L816PW Datasheet
365Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
L822HW SUPERWORLD-L822HW Datasheet
365Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
SWDY0806-NC SUPERWORLD-SWDY0806-NC Datasheet
150Kb / 3P
   HIGH CURRENT MOLDED POWER INDUCTORS
L814HW SUPERWORLD-L814HW Datasheet
338Kb / 8P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com