Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA13AT3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 1SMA13AT3
Description  Zener Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMA13AT3 Datasheet(HTML) 3 Page - Motorola, Inc

  1SMA13AT3 Datasheet HTML 1Page - Motorola, Inc 1SMA13AT3 Datasheet HTML 2Page - Motorola, Inc 1SMA13AT3 Datasheet HTML 3Page - Motorola, Inc 1SMA13AT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MOTOROLA
1SMA5.0AT3 through 1SMA78AT3
RATING AND TYPICAL CHARACTERISTIC CURVES
TA = 25°C
PW (ID) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp.
= 10
µs
PEAK VALUE
Ippm
HALF VALUE – Ipp/2
10/1000
µs WAVEFORM
AS DEFINED BY R.E.A.
td
120
100
80
60
40
0
01
2
3
4
20
5
Figure 1. Pulse Rating Curve
10–4
100
0.1
1
10
10
1
0.1
tP, PULSE WIDTH (ms)
NONREPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 2.
TA = 25°C
0.01
0.001
Figure 2. Pulse Waveform
t, TIME (ms)
Figure 3. Pulse Derating Curve
120
100
80
60
40
0
0
40
80
120
160
TA, AMBIENT TEMPERATURE (°C)
20
200
10 x 1000 WAVEFORM
AS DEFINED BY R.E.A.
10,000
1,000
100
10
1
2
5
10
20
50
100 200
Figure 4. Typical Junction Capacitance
V(BR), BREAKDOWN VOLTAGE (VOLTS)
MEASURED AT
ZERO BIAS
MEASURED AT
STAND–OFF
VOLTAGE, VWM
TJ = 25°C
f = 1 MHz
Vsig = 50 mVp–p
0
6
Figure 5. Steady State Power Derating
T, TEMPERATURE (
°C)
50
100
150
5
4
3
2
0
TL
TA
1


Similar Part No. - 1SMA13AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA13AT3 ONSEMI-1SMA13AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA13AT3 ONSEMI-1SMA13AT3 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA13AT3 ONSEMI-1SMA13AT3 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA13AT3G ONSEMI-1SMA13AT3G Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA13AT3G ONSEMI-1SMA13AT3G Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
More results

Similar Description - 1SMA13AT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA10CAT3 MOTOROLA-1SMA10CAT3 Datasheet
81Kb / 4P
   Zener Transient Voltage Suppressors
logo
ON Semiconductor
1N6382 ONSEMI-1N6382 Datasheet
194Kb / 6P
   Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_09 Datasheet
154Kb / 7P
   Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.OAT3 ONSEMI-1SMC5.OAT3 Datasheet
73Kb / 8P
   Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Motorola, Inc
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com