Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B-15-155-TDFB3-SSC5-G5 Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # B-15-155-TDFB3-SSC5-G5
Description  155 Mbps Bi-directional Receptacle Single Fiber Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-155-TDFB3-SSC5-G5 Datasheet(HTML) 1 Page - Source Photonics, Inc.

  B-15-155-TDFB3-SSC5-G5 Datasheet HTML 1Page - Source Photonics, Inc. B-15-155-TDFB3-SSC5-G5 Datasheet HTML 2Page - Source Photonics, Inc. B-15-155-TDFB3-SSC5-G5 Datasheet HTML 3Page - Source Photonics, Inc. B-15-155-TDFB3-SSC5-G5 Datasheet HTML 4Page - Source Photonics, Inc. B-15-155-TDFB3-SSC5-G5 Datasheet HTML 5Page - Source Photonics, Inc. B-15-155-TDFB3-SSC5-G5 Datasheet HTML 6Page - Source Photonics, Inc. B-15-155-TDFB3-SSC5-G5 Datasheet HTML 7Page - Source Photonics, Inc. B-15-155-TDFB3-SSC5-G5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
155 Mbps Bi-directional Receptacle
Single Fiber Transceiver
B-15/13-155(C)-TDFB(3)-Sxx5(7)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS581-Apr2107
Rev A.3
LUMINENTOIC.COM
Features
• Diplexer Single Mode Single Fiber 1x9 SC/FC/ST Receptacle
Connector
• Wavelength Tx 1550 nm/Rx 1310 nm
• SONET OC-3 SDH STM-1 Compliant
• Single +5V power Supply
• Single +3.3V power Supply
• PECL/LVPECL Differential Inputs and Outputs
[B-15/13-155-TDFB(3)-Sxx5(7)]
• TTL/LVTTL Differential Inputs and Outputs
[B-15/13-155C-TDFB(3)-Sxx5(7)]
• Wave Solderable and Aqueous Washable
• LED Multisourced 1x9 Transceiver Interchangeable
• Class 1 Laser Int. Safety Standard IEC 825 Compliant
• Uncooled Laser diode with MQW structure DFB Laser
• Complies with Telcordia (Bellcore) GR-468-CORE
• RoHS compliant
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
6
V
B-15/13-155-TDFB-Sxx5(7)
Power Supply Voltage
Vcc
0
3.6
V
B-15/13-155-TDFB3-Sxx5(7)
Output Current
Iout
-
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
4.75
5
5.25
V
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (Case)
Topr
0
-
70
ºC
Data Rate
-
-
155
-
Mbps
Recommended Operating Condition
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-5
-
0
dBm
Output power is coupled into a 9/125 µm single
mode fiber (B-15/13-155-TDFB(3)-Sxx5)
Optical Transmit Power
Po
-3
-
+2
dBm
Output power is coupled into a 9/125 µm single
mode fiber (B-15/13-155-TDFB(3)-Sxx7)
Output center Wavelength
λ
1480
1550
1580
nm
Output Spectrumt Width
λ
-
-
1
nm
-20dB width
Side Mode Suppression Ratio
Sr
30
35
-
dB
CW
Extinction Ratio
ER
10
-
-
dB
Output Eye
Compliant with ITU-T recommendation G.957/STM-1
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Optical Isolation
-
30
-
-
dB
Isolation potential between 1480-1580nm at
least 30dB
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 223-1 PRBS with 72 ones and 72
zeros.
Transmitter Specifications


Similar Part No. - B-15-155-TDFB3-SSC5-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-15-155-TDFB3-SSC5-40 SOURCE-B-15-155-TDFB3-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB3-SSC5-40-G5 SOURCE-B-15-155-TDFB3-SSC5-40-G5 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Similar Description - B-15-155-TDFB3-SSC5-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC3 SOURCE-B-13-155-T-SSC3 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com