Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ168-2C-12A Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ168-2C-12A
Description  MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ168-2C-12A Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ168-2C-12A Datasheet HTML 1Page - American Zettler, Inc. AZ168-2C-12A Datasheet HTML 2Page - American Zettler, Inc. AZ168-2C-12A Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AZ168
8/11/03W
MECHANICAL DATA
.020
[0.5]
[ø2.5]
ø.098
1.102
[28.0]
.098
[2.5]
[21.5]
.846
[30.0]
[38.8]
1.181
1.528
[8.6]
.339
[3.5]
.138
1.378
[35.0]
[2.5]
.098
[28.0]
1.102
[4.0]
.157
.020
[0.5]
.134
[3.4]
.209
[5.3]
[35.0]
1.378
.846
[21.5]
[2.5]
.098
[1.2]
.047
[30.0]
1.181
1.528
[38.8]
.138
[3.5]
.157
[4.0]
.339
[8.6]
[5.7]
.226
[5.0]
.252
[6.4]
.559
[14.2]
[4.1]
.163
.394
[10.0]
.181
[4.6]
.417
[10.6]
[4.0]
[13.2]
[16.8]
[4.1]
[4.1]
.163
[6.6]
.260
.661
.520
.169
[13.2]
[4.3]
.409
[10.4]
.520
.161
.156
.661
[16.8]
.161
[4.1]
.409
[10.4]
.169
[17.75]
.699
.197
.169
[4.3]
.161
[4.1]
.409
[10.4]
.661
[16.8]
[4.3]
[4.1]
.163
.173
[4.4]
.520
[13.2]
AZ168-_CT
AZ168-_C
8
+
1CT
WITH LED
14
2C
7
14
13
6
3
9
5
1
4
8
3
1
9
12
5
8
4
2
6
7
3
1
5
2CT
+
-
+
-
+
-
4
2
6
8
3C
2
8
Viewed Towards Terminal
Viewed Towards Terminal
1CT
8
7
3
4
2
1
6
5
4C
13
14
-
+
4
6
5
12
8
7
3
4
1
12
11
10
97
13
5
-
1CT & 2CT
3C
2C
14
4
8
12
13
5
1
9
7
13
4
1
3C
14
5
2
6
3
9
8
7
2C
14
2CT
4
8
12
3
2
1
5
4
6
4C
WIRING DIAGRAM
TERMINAL LAYOUTS
4C
13
6
5
12
7
3
11
10
9
UL/CUR
SPDT Heavy duty:
Ratings
15 A, 250 VAC 100k, Resistive
15 A, 30 VDC, 100k N.O., 30k N.C., Resistive
DPDT Heavy duty:
10 A, 250 VAC, 100k, General use
10 A, 30 VDC, 100k, Resistive
1
/3 HP, 120/240 VAC, 100k Motor load
DPDT, Standard duty:
7A, 250 VAC, 100k Resistive
7A, 30 VDC, 100k, Resistive
3A, 240 VAC/30 VDC, 100k, General use
3PDT, 4PDT, Standard duty:
5A, 250 VAC, 100k, Resistive
5A, 30 VDC, 100k, Resistive
3A, 240 VAC/30 VDC, 100k, General use
CONTACT RATINGS
Maximum
SPDT Heavy duty, resistive load:
Ratings
Max. Switched Power: 450 W, 3750 VA
Max. Switched Current: 15 A
Max. Switched Voltage: 30 VDC, 250 VAC
DPDT Heavy duty, resistive load:
Max. Switched Power: 300 W, 2500 VA
Max. Switched Current: 10 A
Max. Switched Voltage: 30 VDC, 250 VAC
DPDT Standard duty, resistive load:
Max. Switched Power: 210 W, 1750 VA
Max. Switched Current: 7 A
Max. Switched Voltage: 30 VDC, 250 VAC
3PDT, 4PDT, Standard duty, resistive load:
Max. Switched Power: 150 W, 1250 VA
Max. Switched Current: 5 A
Max. Switched Voltage: 30 VDC, 250 VAC


Similar Part No. - AZ168-2C-12A

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1603-01L AMAZING-AZ1603-01L Datasheet
237Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ1603-01L.R7G AMAZING-AZ1603-01L.R7G Datasheet
237Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
AZ1603-02S.R7G AMAZING-AZ1603-02S.R7G Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
logo
Toshiba Semiconductor
AZ161102 TOSHIBA-AZ161102 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - AZ168-2C-12A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com