Electronic Components Datasheet Search |
|
C-15-622C-TDFB3-SSC4DGR Datasheet(PDF) 1 Page - Source Photonics, Inc. |
|
C-15-622C-TDFB3-SSC4DGR Datasheet(HTML) 1 Page - Source Photonics, Inc. |
1 / 7 page 1 C-1X-622(C)-TDFB(3)-SSC4 622 Mbps DFB Laser Single Mode Transceiver(LH) LUMINENTOIC.COM 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS577-Jun0306 Rev A.1 Parameter Symbol Min Typical Max Unit Notes Optical Optical Transmit Power Po -3 - +2 dBm Output center Wavelength λ 1280 1310 1335 nm C-13-622(C)-TDFB(3)-SSC4 Output center Wavelength λ 1480 1550 1580 nm C-15-622(C)-TDFB(3)-SSC4 Output Spectrum Width ∆ λ - - 1 nm -20 dB width Side Mode Suppression Ratio Sr 30 35 - dB Extinction Ratio ER 10 - - dB Output Eye Compliant with ITU recommendation G.957 Optical Rise Time tr - - 1.2 ns 10% to 90% Values Optical Fall Time tf - - 1.2 ns 10% to 90% Values Relative Intensity Noise RIN - - -120 dB/Hz Total Jitter TJ - - 0.55 ns Measured with 223-1 PRBS with 72 ones and 72 zeros. Transmitter Specifications Features • SC Duplex Single Mode Transceiver • Industry Standard 1x9 Footprint • Complies with SONET OC-12 SDH STM-4 • Single +3.3V/5V power supply • Operatng Temperature Range 0 to 70ºC • PECL Differential Inputs and Outputs • TTL/LVTTL Signal Detection Output [C-1X-622C-TDFB(3)-SSC4] • PECL/LVPECL Signal Detection Output [C-1X-622-TDFB(3)-SSC4] • Wave Solderable and Aqueous Washable • Uncooled laser diode with MQW sturcture • Complies with Bellcore GR-468-CORE • ATM 622 Mbps Link application • SONET/SDH Equipment Interconnect application • RoHS compliance available Parameter Symbol Min. Max. Unit Note Power Supply Voltage Vcc 0 6.0 V C-1X-622(C)-TDFB-SSC4 Power Supply Voltage Vcc 0 3.6 V C-1X-622(C)-TDFB3-SSC4 Output Current Iout 0 30 mA Soldering Temperature - - 240 ºC 10 seconds on leads only Operating temerature Topr 0 70 ºC Storage Temperature Tstg -40 85 ºC Absolute Maximum Rating Parameter Symbol Min. Typ. Max. Unit Note Power Supply Voltage Vcc 4.75 5 5.25 V C-1X-622(C)-TDFB-SSC4 Power Supply Voltage Vcc 3.1 3.3 3.5 V C-1X-622(C)-TDFB3-SSC4 Operating Temperature (Case) Topr 0 - 70 ºC Data Rate - - 622 - Mbps Recommended Operating Condition |
Similar Part No. - C-15-622C-TDFB3-SSC4DGR |
|
Similar Description - C-15-622C-TDFB3-SSC4DGR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |