Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ164-1CT-48A Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ164-1CT-48A
Description  MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ164-1CT-48A Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ164-1CT-48A Datasheet HTML 1Page - American Zettler, Inc. AZ164-1CT-48A Datasheet HTML 2Page - American Zettler, Inc. AZ164-1CT-48A Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AZ164
8/11/03W
MINIATURE
POWER RELAY
FEATURES
• PC Terminals
• SPDT through 4PDT arrangement
• High switching capacity
• AC and DC coils
• Push To Test lever available on some models
• CE marked
• UL, CUR file E43203
• TÜV pending
CONTACTS
Arrangement
SPDT (1 Form C)
DPDT (2 Form C)
3PDT (3 Form C)
4PDT (4 Form C)
Ratings
See chart on page 2
UL, CUR
See chart on page 2
Material
-1CT contact
Silver cadmium oxide
-2C and 2CT contact
Silver cerium
-3C contact
Silver cerium
-4C contact
Silver cerium
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
2 x 107 operations
Electrical
See UL/CUR ratings on page 2
Operate Time
25 msec max. at nominal coil voltage
Release Time
25 msec at nominal coil voltage
(without suppression)
Dielectric Strength
1500 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms contact to contact
1000 Vrms between contact sets
Insulation
100 megohms min. at 500 VDC,
Resistance
20°C, 50% RH
Dropout
DC: > 10% of nominal coil voltage
AC: > 30% of nominal coil voltage
Ambient Temperature
Operating
-55°C (-67°F) to 70°C (158°F)
Storage
-55°C (-67°F) to 105°C (221°F)
Vibration
0.062" DA at 10–55 Hz
Shock
20 g
Enclosure
Polycarbonate
Terminals
PC
Max. Solder Temp.
250°C (482°F)
Max. Solder Time
5 seconds
Weight
37 grams
COIL
Power
At Pickup Voltage
DC: 576 mW, 6 to 48 VDC
(typical)
704 mW, 110 VDC
AC: .768 VA
Max. Continuous
DC: 1.2 W (110 V : 1.5 W) at 20°C (68°F)
Dissipation
AC: 1.7 VA at 20°C (68°F)
Temperature
105°C (221°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ164-1CT-48A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ164-1CT-48A ZETTLER-AZ164-1CT-48A Datasheet
70Kb / 3P
   MINIATURE POWER RELAY
More results

Similar Description - AZ164-1CT-48A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com