Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75237-0104 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75237-0104
Description  1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75237-0104 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75237-0104 Datasheet HTML 1Page - Molex Electronics Ltd. 75237-0104 Datasheet HTML 2Page - Molex Electronics Ltd. 75237-0104 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features and speciFications
1.85 by 1.85mm
(.073 by .073”) pitch GbX*
Backplane connector system
in 2, 3, 4 and 5-pair columns
2 and 3 columns:
75650, 75370 differential
daughtercard
assemblies
75670, 75660 Lite daughtercard
assemblies
75676, 75666 Hybrid daughtercard
assemblies
75827, 75433 Backplane signal
Headers
75861, 75649 Lite Backplane signal
Headers
75492, 75331 Backplane power
4 and 5 columns:
75220, 75360 daughtercard
assemblies
75420
4-pair Lite
daughtercard
assemblies
75426
4-pair Hybrid
daughtercard
assemblies
75235, 75237 Backplane signal
Headers
75465
4-pair Lite Backplane
signal Header
75341, 75510 Backplane power
stand-alone Guide pin Kit:
75234
Features and Benefits
Data rates up to 10 Gbps may now be achieved with
the GbX 2 and 3-pair column daughtercard and
backplane system. The 2 and 3-pair column system
completes the GbX product offering, making it a
complete solution for high-end telecommunication and
datacommunication applications.
The GbX connector system provides the speed,
density, and low-applied cost required by leading-
edge backplane applications. It is especially suited
for designs that require future speed upgrades by
daughtercard replacement into an existing backplane.
With native differential signaling speeds up to 10 Gbps,
GbX is well suited for existing and future generations
of XAUI (10 Gigabit Attachment Unit Interface) and
InfiniBandbased systems, in addition to those based
on ATCA(Advanced Telecom Computing Architecture)
and OIF (Optical Internetworking Forum) chip
protocols.
Internetworking and telecommunication equipment
engineers will benefit by the GbX connector’s ability
to provide not only a high-density, low applied-cost
solution in the near term, but also by its electrical
performance in upgradeable systems. Speeds of 10
Gbps have been demonstrated with appropriate SERDES
(Serializer/ Deserializer) devices and board-material
selection. This allows system architects freedom-of-
design for faster future systems without the worry of
backward compatibility, along with the economy of a
common backplane for two generations of equipment.
In addition, the GbX Lite Series system provides a
complimentary high-density open pin field for cost-
effective design of slower-speed circuits along the same
stiffener as the standard, high-speed GbX wafers. For
more information on Molex’s extensive GbX offering,
please visit: www.molex.com/product/backplan/gbx.
html.
*GbX and VHDM-HSD are registered trademarks of Amphenol
Corporation
InfiniBand is a registered trademark of the InfiniBand Trade
Association
ATCA is a trademark of the PCI Industrial Manufacturers
Group
2 and 3-Pair Columns add to Molex’s GbX Backplane Interconnect System Offering, Delivering
Speeds Up To 10 Gbps, High Density (Up to 69 Mated Differential Channels Per Inch) and is
Custom Configurable
n
Up to 69 real differential pairs per linear inch (27
real differential pairs per 10.00mm (.393”) offers
high density with more differential pairs per linear
inch than VHDM-HSD*
n
Bifurcated contact beams in daughtercard
receptacle provide greater reliability with two
points of contact to header pin
n
Modular daughtercard components with GbX
L-Series available with custom, cost-effective
receptacle assemblies
n
Optimized differential pair contacts for easier
board trace routing
n
Data rate options up to 10 Gbps are able to support
future daughtercard speed upgrades
Top, left to right: 75360, 75220, 75370, 75650. Bottom, left to right: 75237, 75235, 75433, 75827


Similar Part No. - 75237-0104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75237-0104 MOLEX9-75237-0104 Datasheet
286Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 5-Pair GbX짰 Backplane Connector System,Open Header, 100 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
More results

Similar Description - 75237-0104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75220 MOLEX-75220 Datasheet
260Kb / 2P
   1.85 by 1.85mm (.073 by .073") Pitch GbX짰 Module-to-Backplane Connector System In 4- and 5-Pair Columns
0754332214 MOLEX9-0754332214 Datasheet
242Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System
0756490105 MOLEX9-0756490105 Datasheet
224Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 3-Pair GbX Backplane L-Series Connector System
0754330105 MOLEX9-0754330105 Datasheet
255Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Open Header
0754921077 MOLEX9-0754921077 Datasheet
331Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX Backplane Connector System, Power Module
0755167776 MOLEX9-0755167776 Datasheet
332Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 5-Pair GbX Backplane Connector System, Power Module
0753310232 MOLEX9-0753310232 Datasheet
336Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Power Module
0756490104 MOLEX9-0756490104 Datasheet
221Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 3-Pair GbX Backplane L-Series Connector System
0753310667 MOLEX9-0753310667 Datasheet
339Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Power Module
0754654204 MOLEX9-0754654204 Datasheet
320Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX Backplane L-Series Connector System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com