Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75433-0204 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75433-0204
Description  1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75433-0204 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75433-0204 Datasheet HTML 1Page - Molex Electronics Ltd. 75433-0204 Datasheet HTML 2Page - Molex Electronics Ltd. 75433-0204 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.85 by 1.85mm (.073
by .073”) pitch GbX*
Backplane connector system
in 2, 3, 4 and 5-pair
columns
appLications
n
Internetworking Equipment:
- Servers, Hubs, and Routers
n
Telecommunications Equipment:
- Central Office, Cellular Infrastructure and
Multi-platform Service (DSL, Cable Data) systems
n
Medical Diagnostic Equipment
n
Test and Measurement Equipment
speciFications
Reference Information
Packaging:
Daughtercard Assemblies: Tray
Backplane Headers: 2, 4 and 5 Pair- Tray;
3 Pair- Tube
UL File No.: E29179
Designed In: Millimeters
Electrical
Signal/Shield Contact Current Rating: 1.0A
Power Contact Current Rating: 6.0A
Contact to Plated-Through-Hole Resistance:
1.0 milliohm max.
Power Blade Contact Resistance: 3.0 milliohms max.
Dielectric Withstanding Voltage: 750V RMS
Insulation Resistance: 1,000 Megohms min.
Mechanical
Contact Insertion Force: 35.58N (8.00 lb) max. per
contact
Contact Retention Force: 6.67N (1.50 lb) min. per
contact
Mating Force: 0.59N (0.13 lb) max. per contact
Unmating Force: 0.342N (0.077 lb) min. per contact
Durability: 250 cycles max.
Physical
Housing: Liquid Crystal Polymer, UL 94V-0
Contact: Copper Alloy
Plating:
Contact Area – 0.76μm (30μ”) Gold (Au) min.
Compliant Pin Area – Tin (Sn) or Tin/Lead (SnPb)
Underplating – Nickel (Ni)
PCB Thickness: 1.60mm (.062”) min.
Operating Temperature: -55 to +105°C
2 and 3-pair:
Top, left to right: 75370, 75650
Bottom, left to right: 75433, 75827
4 and 5-pair:
Top: 75220
Bottom: 75235


Similar Part No. - 75433-0204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75433-0204 MOLEX9-75433-0204 Datasheet
255Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 150 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
More results

Similar Description - 75433-0204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75220 MOLEX-75220 Datasheet
260Kb / 2P
   1.85 by 1.85mm (.073 by .073") Pitch GbX짰 Module-to-Backplane Connector System In 4- and 5-Pair Columns
0754332214 MOLEX9-0754332214 Datasheet
242Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System
0756490105 MOLEX9-0756490105 Datasheet
224Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 3-Pair GbX Backplane L-Series Connector System
0754330105 MOLEX9-0754330105 Datasheet
255Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Open Header
0754921077 MOLEX9-0754921077 Datasheet
331Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX Backplane Connector System, Power Module
0755167776 MOLEX9-0755167776 Datasheet
332Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 5-Pair GbX Backplane Connector System, Power Module
0753310232 MOLEX9-0753310232 Datasheet
336Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Power Module
0756490104 MOLEX9-0756490104 Datasheet
221Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 3-Pair GbX Backplane L-Series Connector System
0753310667 MOLEX9-0753310667 Datasheet
339Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Power Module
0754654204 MOLEX9-0754654204 Datasheet
320Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX Backplane L-Series Connector System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com