Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDIB001AAUF8P5 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # HDIB001AAUF8P5
Description  Amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDIB001AAUF8P5 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  HDIB001AAUF8P5 Datasheet HTML 1Page - Sensortechnics GmbH HDIB001AAUF8P5 Datasheet HTML 2Page - Sensortechnics GmbH HDIB001AAUF8P5 Datasheet HTML 3Page - Sensortechnics GmbH HDIB001AAUF8P5 Datasheet HTML 4Page - Sensortechnics GmbH HDIB001AAUF8P5 Datasheet HTML 5Page - Sensortechnics GmbH HDIB001AAUF8P5 Datasheet HTML 6Page - Sensortechnics GmbH HDIB001AAUF8P5 Datasheet HTML 7Page - Sensortechnics GmbH HDIB001AAUF8P5 Datasheet HTML 8Page - Sensortechnics GmbH HDIB001AAUF8P5 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HDI Series
Amplified pressure sensors
2/11
E / 11650 / A
www.sensortechnics.com
Specification notes:
1.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
2.
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks to
the housing.
3.
Full Scale Span (FSS) is the algebraic difference between the output signal for the highest and lowest specified pressure.
4.
Total accuracy is the combined error from offset and span calibration, linearity, pressure hysteresis, and temperature
effects. Linearity is the measured deviation based on a straight line. Hysteresis is the maximum output difference at any point
within the operating pressure range for increasing and decreasing pressure. Calibration errors include the deviation of offset
and full scale from nominal values.
5.
Extended temperature ranges on request. Please contact Sensortechnics.
6.
Max. delay time between pressure change at the pressure die and signal change at the output.
7.
The response time depends on the adjusted internal A/D resolution of the sensor. For 12 bit it is typ. 0.5 ms. Other A/D resolutions
and reponse time are available on request. Please contact Sensortechnics for further information.
8.
Sensors with lower current consumption are available on request. Please contact Sensortechnics for further information.
.
o
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
1
e
r
u
s
s
e
r
p
t
s
r
u
B
2
.
.
.
B
.
.
.
0
1
0
M
I
D
Hr
a
b
m
0
1
±
.
.
.
0r
a
b
m
0
5
1r
a
b
m
0
0
2
.
.
.
B
.
.
.
0
2
0
M
I
D
Hr
a
b
m
0
2
±
.
.
.
0r
a
b
m
0
5
1r
a
b
m
0
0
2
.
.
.
B
.
.
.
0
5
0
M
I
D
Hr
a
b
m
0
5
±
.
.
.
0r
a
b
m
0
1
2r
a
b
m
0
5
3
.
.
.
B
.
.
.
0
0
1
M
I
D
Hr
a
b
m
0
0
1
±
.
.
.
0r
a
b
m
0
0
3r
a
b
m
0
0
5
.
.
.
B
.
.
.
0
0
2
M
I
D
Hr
a
b
m
0
0
2
±
.
.
.
0r
a
b
1r
a
b
5
.
1
.
.
.
B
.
.
.
0
0
5
M
I
D
Hr
a
b
m
0
0
5
±
.
.
.
0r
a
b
1r
a
b
5
.
1
.
.
.
B
.
.
.
1
0
0
B
I
D
Hr
a
b
1
±
.
.
.
0r
a
b
2r
a
b
3
.
.
.
U
.
.
.
0
1
0
M
I
D
Hr
a
b
m
0
1
.
.
.
0r
a
b
m
0
5
1r
a
b
m
0
0
2
.
.
.
U
.
.
.
0
2
0
M
I
D
Hr
a
b
m
0
2
.
.
.
0r
a
b
m
0
5
1r
a
b
m
0
0
2
.
.
.
U
.
.
.
0
5
0
M
I
D
Hr
a
b
m
0
5
.
.
.
0r
a
b
m
0
1
2r
a
b
m
0
5
3
.
.
.
U
.
.
.
0
0
1
M
I
D
Hr
a
b
m
0
0
1
.
.
.
0r
a
b
m
0
0
3r
a
b
m
0
0
5
.
.
.
U
.
.
.
0
0
2
M
I
D
Hr
a
b
m
0
0
2
.
.
.
0r
a
b
1r
a
b
5
.
1
.
.
.
U
.
.
.
0
0
5
M
I
D
Hr
a
b
m
0
0
5
.
.
.
0r
a
b
1r
a
b
5
.
1
.
.
.
U
.
.
.
1
0
0
B
I
D
Hr
a
b
1
.
.
.
0r
a
b
2r
a
b
3
.
.
.
U
.
.
.
2
0
0
B
I
D
Hr
a
b
2
.
.
.
0r
a
b
4r
a
b
6
.
.
.
U
.
.
.
5
0
0
B
I
D
Hr
a
b
5
.
.
.
0r
a
b
7r
a
b
7
.
.
.
R
A
1
1
6
0
I
D
H)
a
(
r
a
b
m
0
0
1
1
.
.
.
0
0
6a
r
a
b
2a
r
a
b
3
.
.
.
R
A
1
1
8
0
I
D
H)
a
(
r
a
b
m
0
0
1
1
.
.
.
0
0
8a
r
a
b
2a
r
a
b
3
Other pressure ranges are available on request. Please contact Sensortechnics.
PRESSURE SENSOR CHARACTERISTICS
(T
A = 25 °C)


Similar Part No. - HDIB001AAUF8P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HDIB001B SENSORTECHNICS-HDIB001B Datasheet
495Kb / 9P
   Amplified pressure sensors
HDIB001U SENSORTECHNICS-HDIB001U Datasheet
495Kb / 9P
   Amplified pressure sensors
More results

Similar Description - HDIB001AAUF8P5

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com