Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500797-1992 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 500797-1992
Description  0.30mm (.012") Pitch FPC Connector 1.05mm (.041") Height
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

500797-1992 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  500797-1992 Datasheet HTML 1Page - Molex Electronics Ltd. 500797-1992 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas Headquarters
2222 Wellington Ct,
Lisle, Illinois 60532 USA
Tel: 1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
Tel: 65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct,
Lisle, Illinois 60532 USA
Tel: 630-969-4550
Order No. JPN-047
Printed in Japan/4K/MXJ/Tokai/2005.8
©2005, Molex Japan
INTRODUCTION
0.50mm (.020") Pitch
FPC Connector
0.80mm (.031") Height
501461
Bringing People & Technology Together, WorldwideSM
Specifications:
Current: 0.3A
Voltage: 50V
Circuit Size Range: 4-8
Contact Resistance: 40 milliohms max.
Insulation Resistance: 50 Megohms min.
Dielectric Withstanding Voltage: AC250V
Terminal Retention Force:
1.0N {0.1kgf} min.
Durability: 20 Cycles
Description
Order No.
Circuits
Plating (Terminal/Solder Tab) Material (Housing/Terminal)
Packaging
Right Angle, SMT
BackFlipTM
Bottom Contact
Height = 0.80mm (.031")
FPC Thickness = 0.12mm (.005")
501461-**01
4, 5, 6, 8
Gold/Tin
46 Nylon (Glass-filled), UL 94V-0 /
Copper Alloy
Embossed Tape
SELECTION MATRIX
With a height of just 0.80mm (.031") and a depth
of 3.20mm (.126"), the 501461 FPC series from
Molex offers the smallest overall size available
today.
This connector features two locking features for the
FPC: actuator tangs lock into notches on the FPC
cable; and friction locks on the actuator corners
provide an audible click when fully engaged.
The 501461 series was designed for the
backlighting of LCDs, but with its range of small
circuit sizes can serve other applications as well.
FEATURES AND BENEFITS
Friction Actuator Lock
FPC Lock
Two Types of Locking Features
Friction locks provide audible click
FFC lock for secure cable retention
1.00mm wipe length for secure contact
(4 Circuit)
Lowest profile and smallest footprint
available today
3.50mm
(.138")
3.20mm
(.126")
0.80mm
(.031")


Similar Part No. - 500797-1992

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500797-1194 MOLEX11-500797-1194 Datasheet
521Kb / 7P
   0.30mm (.012") Pitch Easy-On??Type FPC Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com