Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTU6002AT7 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # KTU6002AT7
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTU6002AT7 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  KTU6002AT7 Datasheet HTML 1Page - Sensortechnics GmbH KTU6002AT7 Datasheet HTML 2Page - Sensortechnics GmbH KTU6002AT7 Datasheet HTML 3Page - Sensortechnics GmbH KTU6002AT7 Datasheet HTML 4Page - Sensortechnics GmbH KTU6002AT7 Datasheet HTML 5Page - Sensortechnics GmbH KTU6002AT7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTE6000 / KTU6000 Series
OEM pressure transmitters for industrial media
2/6
December 2008 / 550
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS
V
S = 15 V, RL > 100 kΩ, tamb = 25°C
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O.
.
.
1
0
0
6
E
T
K
.
.
.
G
1
0
N
6
E
T
K
.
.
.
G
1
0
P
6
E
T
K
.
.
.
2
0
0
6
E
T
K
.
.
.
5
0
0
6
E
T
K
.
.
.
0
1
0
6
E
T
K
.
.
.
6
1
0
6
E
T
K
.
.
.
0
2
0
6
E
T
K
.
.
.
5
2
0
6
E
T
K
.
.
.
5
3
0
6
E
T
K
.
.
.
0
5
0
6
E
T
K
.
.
.
0
7
0
6
E
T
K
.
.
.
0
0
1
6
E
T
K
.
.
.
0
5
1
6
E
T
K
.
.
.
0
0
2
6
E
T
K
.
.
.
0
0
3
6
E
T
K
.
.
.
0
0
4
6
E
T
K
0
1
-
1
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
2
5
0
1
6
1
0
2
5
2
5
3
0
5
0
7
0
0
1
0
5
1
0
0
2
0
0
3
0
0
4
r
a
b
.
.
.
5
1
0
6
U
T
K
.
.
.
G
5
1
N
6
U
T
K
.
.
.
G
5
1
P
6
U
T
K
.
.
.
0
3
0
6
U
T
K
.
.
.
0
5
0
6
U
T
K
.
.
.
0
0
1
6
U
T
K
.
.
.
0
0
2
6
U
T
K
.
.
.
0
0
3
6
U
T
K
.
.
.
0
0
5
6
U
T
K
.
.
.
0
K
1
6
U
T
K
.
.
.
5
K
1
6
U
T
K
.
.
.
0
K
2
6
U
T
K
.
.
.
0
K
3
6
U
T
K
.
.
.
5
K
4
6
U
T
K
.
.
.
0
K
6
6
U
T
K
0
5
1
-
5
1
-
0
0
0
0
0
0
0
0
0
0
0
0
5
1
5
1
0
0
3
0
5
0
0
1
0
0
2
0
0
3
0
0
5
0
0
0
1
0
0
5
1
0
0
0
2
0
0
0
3
0
0
5
4
0
0
0
6
i
s
p
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
7
o
t
0
(
4
t
e
s
f
f
O
n
a
p
S
2
0
.
0
2
0
.
0
5
0
.
0
5
0
.
0
C
°
/
O
S
F
%
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
0
1
o
t
0
7
,
C
°
0
o
t
0
4
-
(
t
e
s
f
f
O
n
a
p
S
3
0
.
0
3
0
.
0
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
,
y
t
i
r
a
e
n
il
-
n
o
N
ay
t
il
i
b
a
t
a
e
p
e
r
d
n
5
)
i
s
p
0
0
0
3
(
r
a
b
0
0
2
>
s
r
e
h
t
o
ll
a
2
.
0
±
1
.
0
±
4
.
0
±
3
.
0
±
O
S
F
%
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
6
3
.
0
±
)
z
H
k
1
<
f
<
0
(
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
15
s
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O
n
a
p
S
7
.
.
.
,
6
.
.
.
,
0
.
.
.
6
x
T
K
4
.
.
.
6
x
T
K
7
.
.
.
,
6
.
.
.
,
0
.
.
.
6
x
T
K
4
.
.
.
6
x
T
K
2
0
0
.
0
5
0
.
0
2
0
0
.
0
8
0
.
0
V
/
O
S
F
%


Similar Part No. - KTU6002AT7

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KTU EATON-KTU Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTU-1000 COOPER-KTU-1000 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTU-1000 EATON-KTU-1000 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTU-1100 COOPER-KTU-1100 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTU-1100 EATON-KTU-1100 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results

Similar Description - KTU6002AT7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com