Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2224UK Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2224UK
Description  12-Bit, 135Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2224UK Datasheet(HTML) 1 Page - Linear Technology

  LTC2224UK Datasheet HTML 1Page - Linear Technology LTC2224UK Datasheet HTML 2Page - Linear Technology LTC2224UK Datasheet HTML 3Page - Linear Technology LTC2224UK Datasheet HTML 4Page - Linear Technology LTC2224UK Datasheet HTML 5Page - Linear Technology LTC2224UK Datasheet HTML 6Page - Linear Technology LTC2224UK Datasheet HTML 7Page - Linear Technology LTC2224UK Datasheet HTML 8Page - Linear Technology LTC2224UK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2224
1
2224fa
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Sample Rate: 135Msps
67.3dB SNR up to 140MHz Input
80dB SFDR up to 150MHz Input
775MHz Full Power Bandwidth S/H
Single 3.3V Supply
Low Power Dissipation: 630mW
CMOS Outputs
Selectable Input Ranges:
±0.5V or ±1V
No Missing Codes
Optional Clock Duty Cycle Stabilizer
Shutdown and Nap Modes
Data Ready Output Clock
Pin Compatible Family
135Msps: LTC2224 (12-Bit), LTC2234 (10-Bit)
105Msps: LTC2222 (12-Bit), LTC2232 (10-Bit)
80Msps: LTC2223 (12-Bit), LTC2233 (10-Bit)
48-Pin 7mm
× 7mm QFN Package
Wireless and Wired Broadband Communication
Cable Head-End Systems
Power Amplifier Linearization
Communications Test Equipment
12-Bit, 135Msps ADC
The LTC
®2224 is a 135Msps, sampling 12-bit A/D con-
verter designed for digitizing high frequency, wide dy-
namic range signals. The LTC2224 is perfect for demand-
ing communications applications with AC performance
that includes 67.3dB SNR and 80dB spurious free dy-
namic range for signals up to 150MHz. Ultralow jitter of
0.15psRMS allows undersampling of IF frequencies with
excellent noise performance.
DC specs include
±0.4LSB INL (typ), ±0.3LSB DNL (typ)
and no missing codes over temperature. The transition
noise is a low 0.5LSBRMS.
A separate output power supply allows the CMOS output
swing to range from 0.5V to 3.6V.
The ENC+ and ENCinputs may be driven differentially or
single ended with a sine wave, PECL, LVDS, TTL, or CMOS
inputs. An optional clock duty cycle stabilizer allows high
performance at full speed for a wide range of clock duty
cycles.
0.5V TO 3.6V
OVDD
OGND
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D11
D0
ENCODE
INPUT
REFH
REFL
ANALOG
INPUT
2224 TA01
3.3V
VDD
APPLICATIO S
SFDR vs Input Frequency
INPUT FREQUENCY (MHz)
0
600
500
400
2224 TA01b
100
200
300
95
90
85
80
75
70
65
60
55
50
4th OR HIGHER
2nd OR 3rd
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2224UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2224 LINER-LTC2224 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2224 LINER-LTC2224 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
More results

Similar Description - LTC2224UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
   10-Bit, 135Msps ADC
LTC2234 LINER-LTC2234 Datasheet
605Kb / 24P
   10-Bit, 135Msps ADC
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2285IUP LINER-LTC2285IUP Datasheet
577Kb / 24P
   Dual 14-Bit, 135Msps Low Power 3.3V ADC
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com