Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204CUK Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2204CUK
Description  16-Bit, 65Msps/40Msps
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204CUK Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2204CUK Datasheet HTML 5Page - Linear Technology LTC2204CUK Datasheet HTML 6Page - Linear Technology LTC2204CUK Datasheet HTML 7Page - Linear Technology LTC2204CUK Datasheet HTML 8Page - Linear Technology LTC2204CUK Datasheet HTML 9Page - Linear Technology LTC2204CUK Datasheet HTML 10Page - Linear Technology LTC2204CUK Datasheet HTML 11Page - Linear Technology LTC2204CUK Datasheet HTML 12Page - Linear Technology LTC2204CUK Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC2205/LTC2204
9
22054fb
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G19
510
20
30
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G20
510
20
30
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G21
510
20
30
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G22
510
20
30
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G23
510
20
30
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G24
510
20
30
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G25
510
20
30
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G26
510
20
30
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
25
22054 G27
510
20
30
LTC2205: 64K Point FFT,
65Msps, fIN = 70.1MHz, –25dBFS,
PGA = 0, DITH = 1
LTC2205: 64K Point FFT,
65Msps, fIN = 70.1MHz, –40dBFS,
PGA = 0, DITH = 0
LTC2205: 64K Point FFT,
65Msps, fIN = 70.1MHz, –40dBFS,
PGA = 0, DITH = 1
LTC2205: 64K Point FFT,
65Msps, fIN = 140.1MHz, –1dBFS,
PGA = 0, DITH = 0
LTC2205: 64K Point FFT,
fIN = 140.1MHz, –1dBFS,
PGA = 1, DITH = 0
LTC2205: 64K Point FFT,
65Msps, fIN = 140.1MHz,
–25dBFS, PGA = 0, DITH = 0
LTC2205: 64K Point FFT,
65Msps, fIN = 140.1MHz,
–25dBFS, PGA = 0, DITH = 1
LTC2205: 64K Point FFT,
65Msps, fIN = 140.1MHz,
–40dBFS, PGA = 0, DITH = 0
LTC2205: 64K Point FFT,
65Msps, fIN = 140.1MHz,
–40dBFS, PGA = 0, DITH = 1
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2204CUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
More results

Similar Description - LTC2204CUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2205 LINER-LTC2205_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com