Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2222IUK Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2222IUK
Description  12-Bit,105Msps/80Msps ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2222IUK Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2222IUK Datasheet HTML 2Page - Linear Technology LTC2222IUK Datasheet HTML 3Page - Linear Technology LTC2222IUK Datasheet HTML 4Page - Linear Technology LTC2222IUK Datasheet HTML 5Page - Linear Technology LTC2222IUK Datasheet HTML 6Page - Linear Technology LTC2222IUK Datasheet HTML 7Page - Linear Technology LTC2222IUK Datasheet HTML 8Page - Linear Technology LTC2222IUK Datasheet HTML 9Page - Linear Technology LTC2222IUK Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2222/LTC2223
6
22223fa
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT FREQUENCY (MHz)
0
70
69
68
67
66
65
64
63
62
61
60
100
200
2222 G03
500
600
300
400
2222 G04
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
60
55
100
200
300
400
2222 G05
500
600
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
60
55
100
200
300
400
500
600
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
60
55
100
200
300
400
500
600
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
60
55
100
200
300
400
500
600
2222 G06
0
4096
2222 G01
1024
2048
3072
1.0
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1.0
2222 G08
2222 G07
SAMPLE RATE (Msps)
0
120
2222 G09
40
80
100
95
90
85
80
75
70
65
60
20
60
100
OUTPUT CODE
0
4096
2222 G02
1024
2048
3072
1.0
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1.0
OUTPUT CODE
INPUT FREQUENCY (MHz)
0
70
69
68
67
66
65
64
63
62
61
60
100
200
500
600
300
400
SFDR
SNR
LTC2222: INL, 2V Range
LTC2222: DNL, 2V Range
LTC2222: SNR vs Input Frequency,
–1dB, 1V Range
LTC2222: SFDR (HD2 and HD3) vs
Input Frequency, –1dB, 2V Range
LTC2222: SNR vs Input Frequency,
–1dB, 2V Range
LTC2222: SFDR (HD2 and HD3) vs
Input Frequency, –1dB, 1V Range
LTC2222: SFDR (HD4+) vs Input
Frequency, –1dB, 2V Range
LTC2222: SFDR (HD4+) vs Input
Frequency, –1dB, 1V Range
LTC2222: SFDR and SNR vs
Sample Rate, 2V Range,
fIN = 30MHz, –1dB


Similar Part No. - LTC2222IUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2222IUK-11 LINER-LTC2222IUK-11 Datasheet
586Kb / 24P
   11-Bit, 105Msps ADC
More results

Similar Description - LTC2222IUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com