Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204UK Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2204UK
Description  16-Bit, 65Msps/40Msps
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204UK Datasheet(HTML) 3 Page - Linear Technology

  LTC2204UK Datasheet HTML 1Page - Linear Technology LTC2204UK Datasheet HTML 2Page - Linear Technology LTC2204UK Datasheet HTML 3Page - Linear Technology LTC2204UK Datasheet HTML 4Page - Linear Technology LTC2204UK Datasheet HTML 5Page - Linear Technology LTC2204UK Datasheet HTML 6Page - Linear Technology LTC2204UK Datasheet HTML 7Page - Linear Technology LTC2204UK Datasheet HTML 8Page - Linear Technology LTC2204UK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC2205/LTC2204
3
22054fb
ANALOG INPUT
DYNAMIC ACCURACY
The
l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN
+ AIN–)
3.135V ≤ VDD ≤ 3.465V
l
1.5 to 2.25
VP-P
VIN, CM
Analog Input Common Mode
Differential Input (Note 7)
l
1
1.25
1.5
V
IIN
Analog Input Leakage Current
0V ≤ AIN
+, AIN– ≤ VDD
l
–1
1
µA
ISENSE
SENSE Input Leakage Current
0V ≤ SENSE ≤ VDD
l
–3
3
µA
IMODE
MODE Pin Pull-Down Current to GND
10
µA
CIN
Analog Input Capacitance
Sample Mode ENC+ < ENC
6.5
pF
Hold Mode ENC+ > ENC
1.8
pF
tAP
Sample-and-Hold
0.7
ns
Aperture Delay Time
tJITTER
Sample-and-Hold
90
fsRMS
Aperture Delay Time Jitter
CMRR
Analog Input
1V < (AIN
+ = AIN–) <1.5V
60
dB
Common Mode Rejection Ratio
BW-3dB
Full Power Bandwidth
700
MHz
SYMBOL PARAMETER
CONDITIONS
MIN
LTC2204
TYP
MAX
MIN
LTC2205
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
79.1
76.5
79.0
76.4
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
77.6
78
79.0
79.0
76.5
77.5
77.9
78.9
78.9
76.4
dBFS
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
70MHz Input (1.5V Range, PGA = 1)
l
74.6
75
78.5
76.3
74.6
75
78.4
76.2
dBFS
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
77.4
75.5
77.3
75.4
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
76.5
74.9
76.5
74.8
dBFS
dBFS
SFDR
Spurious Free
Dynamic Range
2nd or 3rd
Harmonic
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dB
dB
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (2.25V Range, PGA = 0
15MHz Input (1.5V Range, PGA = 1)
l
87
88
100
100
100
87
88
100
100
100
dB
dB
dB
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
70MHz Input (1.5V Range, PGA = 1)
l
84.5
86
92
94
94
84.5
86
92
94
94
dB
dB
dB
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
89
92
89
92
dB
dB
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
82
84
82
84
dB
dB


Similar Part No. - LTC2204UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
More results

Similar Description - LTC2204UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2205 LINER-LTC2205_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com