Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204CUK-TR Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2204CUK-TR
Description  16-Bit, 65Msps/40Msps
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204CUK-TR Datasheet(HTML) 5 Page - Linear Technology

  LTC2204CUK-TR Datasheet HTML 1Page - Linear Technology LTC2204CUK-TR Datasheet HTML 2Page - Linear Technology LTC2204CUK-TR Datasheet HTML 3Page - Linear Technology LTC2204CUK-TR Datasheet HTML 4Page - Linear Technology LTC2204CUK-TR Datasheet HTML 5Page - Linear Technology LTC2204CUK-TR Datasheet HTML 6Page - Linear Technology LTC2204CUK-TR Datasheet HTML 7Page - Linear Technology LTC2204CUK-TR Datasheet HTML 8Page - Linear Technology LTC2204CUK-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC2205/LTC2204
5
22054fb
COMMON MODE BIAS CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.15
1.25
1.35
V
VCM Output Tempco
IOUT = 0
±40
ppm/°C
VCM Line Regulation
3.135V ≤ VDD ≤ 3.465V
1
mV/ V
VCM Output Resistance
1mA ≤ | IOUT | ≤ 1mA
1
Ω
The
l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
POWER REQUIREMENTS
DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENCODE INPUTS (ENC+, ENC)
VID
Differential Input Voltage (Note 7)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
1.6
V
Externally Set (Note 7)
1.2
3.0
V
RIN
Input Resistance
(See Figure 2)
6
CIN
Input Capacitance
(Note 7)
3
pF
LOGIC INPUTS (DITH, PGA, SHDN, RAND)
VIH
High Level Input Voltage
VDD = 3.3V
l
2
V
VIL
Low Level Input Voltage
VDD = 3.3V
l
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
l
±10
µA
CIN
Digital Input Capacitance
(Note 7)
1.5
pF
LOGIC OUTPUTS
OVDD = 3.3V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –10µA
3.299
V
IO = –200µA l
3.1
3.29
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 160µA
0.01
V
IO = 1.6mA
l
0.10
0.4
V
ISOURCE
Output Source Current
VOUT = 0V
–50
mA
ISINK
Output Sink Current
VOUT = 3.3V
50
mA
OVDD = 2.5V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –200µA
2.49
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 1.60mA
0.1
V
OVDD = 1.8V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –200µA
1.79
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 1.60mA
0.1
V
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
SYMBOL PARAMETER
CONDITIONS
MIN
LTC2204
TYP
MAX
MIN
LTC2205
TYP
MAX
UNITS
VDD
Analog Supply Voltage
3.135
3.3
3.465
3.315
3.3
3.465
V
PSHDN
Shutdown Power
SHDN = VDD
0.2
0.2
mW
OVDD
Output Supply Voltage
l
0.5V
3.6
0.5V
3.3
3.6
V
IVDD
Analog Supply Current
l
145
200
185
235
mA
PDIS
Power Dissipation
l
480
660
610
776
mW


Similar Part No. - LTC2204CUK-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
More results

Similar Description - LTC2204CUK-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2205 LINER-LTC2205_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com