Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2217IUP Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2217IUP
Description  16-Bit, 105Msps Low Noise ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2217IUP Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2217IUP Datasheet HTML 2Page - Linear Technology LTC2217IUP Datasheet HTML 3Page - Linear Technology LTC2217IUP Datasheet HTML 4Page - Linear Technology LTC2217IUP Datasheet HTML 5Page - Linear Technology LTC2217IUP Datasheet HTML 6Page - Linear Technology LTC2217IUP Datasheet HTML 7Page - Linear Technology LTC2217IUP Datasheet HTML 8Page - Linear Technology LTC2217IUP Datasheet HTML 9Page - Linear Technology LTC2217IUP Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2217
6
2217f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 8)
3.135
3.3
3.465
V
PSHDN
Shutdown Power
SHDN = VDD
17
mW
Standard LVDS Output Mode
OVDD
Output Supply Voltage
(Note 8)
3
3.3
3.6
V
IVDD
Analog Supply Current
365
430
mA
IOVDD
Output Supply Current
75
90
mA
PDIS
Power Dissipation
1450
1716
mW
Low Power LVDS Output Mode
OVDD
Output Supply Voltage
(Note 8)
3
3.3
3.6
V
IVDD
Analog Supply Current
363
430
mA
IOVDD
Output Supply Current
42
50
mA
PDIS
Power Dissipation
1335
1584
mW
CMOS Output Mode
OVDD
Output Supply Voltage
(Note 8)
0.5
3.6
V
IVDD
Analog Supply Current
360
430
mA
PDIS
Power Dissipation
1190
1420
mW
POWER REQUIREMENTS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. AIN = –1dBFS unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 8)
1
105
MHz
tL
ENC Low Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
4.52
3.1
4.762
4.762
500
500
ns
ns
tH
ENC High Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
4.52
3.1
4.762
4.762
500
500
ns
ns
LVDS Output Mode (Standard and Low Power)
tD
ENC to DATA Delay
(Note 7)
1.3
2.5
3.8
ns
tC
ENC to CLKOUT Delay
(Note 7)
1.3
2.5
3.8
ns
tSKEW
DATA to CLKOUT Skew
(tC-tD) (Note 7)
–0.6
0
0.6
ns
tRISE
Output Rise Time
0.5
ns
tFALL
Output Fall Time
0.5
ns
Data Latency
Data Latency
7
Cycles
CMOS Output Mode
tD
ENC to DATA Delay
(Note 7)
1.3
2.7
4
ns
tC
ENC to CLKOUT Delay
(Note 7)
1.3
2.7
4
ns
tSKEW
DATA to CLKOUT Skew
(tC-tD) (Note 7)
–0.6
0
0.6
ns
Data Latency
Data Latency
Full Rate CMOS
Demuxed
7
7
Cycles
Cycles
The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
TIMING CHARACTERISTICS


Similar Part No. - LTC2217IUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2217 LINER-LTC2217 Datasheet
899Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs Serial SPI Port for Configuration
LTC2217 LINER-LTC2217 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2217 LINER-LTC2217 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
More results

Similar Description - LTC2217IUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2280 LINER-LTC2280 Datasheet
705Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2222-11 LINER-LTC2222-11 Datasheet
586Kb / 24P
   11-Bit, 105Msps ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2222-11 LINER-LTC2222-11_15 Datasheet
591Kb / 24P
   11-Bit, 105Msps ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com