Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2215 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2215
Description  16-Bit, 80Msps/65Msps Low Noise ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2215 Datasheet(HTML) 4 Page - Linear Technology

  LTC2215 Datasheet HTML 1Page - Linear Technology LTC2215 Datasheet HTML 2Page - Linear Technology LTC2215 Datasheet HTML 3Page - Linear Technology LTC2215 Datasheet HTML 4Page - Linear Technology LTC2215 Datasheet HTML 5Page - Linear Technology LTC2215 Datasheet HTML 6Page - Linear Technology LTC2215 Datasheet HTML 7Page - Linear Technology LTC2215 Datasheet HTML 8Page - Linear Technology LTC2215 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC2216/LTC2215
4
22165f
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS with 2.75V range unless otherwise noted. (Note 4)
DYNAMIC ACCURACY
SYMBOL PARAMETER
CONDITIONS
LTC2215
LTC2216
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
81.5
81.3
dBFS
15MHz Input, TA = 25°C
15MHz Input
l
80.8
80.5
81.4
81
80.6
80.2
81.2
80.8
dBFS
dBFS
30MHz Input, TA = 25°C
81.2
81.1
dBFS
70MHz Input, TA = 25°C
70MHz Input
l
80
79.7
80.6
80.2
80
79.7
80.5
80.2
dBFS
dBFS
140MHz Input
79
79
dBFS
SFDR
Spurious Free
Dynamic Range
2nd or 3rd Harmonic
5MHz Input
100
100
dBc
15MHz Input, TA = 25°C
15MHz Input
l
88
88
100
96
88
88
100
99
dBc
dBc
30MHz Input
91
95
dBc
70MHz Input, TA = 25°C
70MHz Input
l
85
84
96
95
85
84
97
97
dBc
dBc
140MHz Input
89
91
dBc
SFDR
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
105
105
dBc
15MHz Input
l
95
105
94
105
dBc
30MHz Input
105
105
dBc
70MHz Input
l
94
104
93
103
dBc
140MHz Input
100
100
dBc
S/(N+D) Signal-to-Noise
Plus Distortion Ratio
5MHz Input
81.5
81.3
dBc
15MHz Input, TA = 25°C
15MHz Input
l
80.3
80.2
81.2
80.8
80.2
80
81.1
80.7
dBFS
dBFS
30MHz Input
80.9
80.8
dBFS
70MHz Input, TA = 25°C
70MHz Input
l
79.3
79.2
80.3
80
79.6
79.4
80.4
80.1
dBFS
dBFS
140MHz Input
78.8
78.8
dBFS
SFDR
Spurious Free Dynamic Range
at –25dBFS
Dither “OFF”
5MHz Input
105
105
dBFS
15MHz Input
105
105
dBFS
30MHz Input
105
105
dBFS
70MHz Input
105
105
dBFS
140MHz Input
100
100
dBFS
SFDR
Spurious Free Dynamic Range
at –25dBFS
Dither “ON”
5MHz Input
115
115
dBFS
15MHz Input
l
100
115
100
115
dBFS
30MHz Input
115
115
dBFS
70MHz Input
115
115
dBFS
140MHz Input
110
110
dBFS
IMD
Intermodulation Distortion
fIN1 = 14MHz, fIN2 = 21MHz, –7dBFS
fIN1 = 67MHz, fIN2 = 74MHz, –7dBFS
100
96
100
97
dBc
dBc


Similar Part No. - LTC2215

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
More results

Similar Description - LTC2215

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com