Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCEM020DBQ9P5 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # HCEM020DBQ9P5
Description  Miniature amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCEM020DBQ9P5 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  HCEM020DBQ9P5 Datasheet HTML 1Page - Sensortechnics GmbH HCEM020DBQ9P5 Datasheet HTML 2Page - Sensortechnics GmbH HCEM020DBQ9P5 Datasheet HTML 3Page - Sensortechnics GmbH HCEM020DBQ9P5 Datasheet HTML 4Page - Sensortechnics GmbH HCEM020DBQ9P5 Datasheet HTML 5Page - Sensortechnics GmbH HCEM020DBQ9P5 Datasheet HTML 6Page - Sensortechnics GmbH HCEM020DBQ9P5 Datasheet HTML 7Page - Sensortechnics GmbH HCEM020DBQ9P5 Datasheet HTML 8Page - Sensortechnics GmbH HCEM020DBQ9P5 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HCE Series
Miniature amplified pressure sensors
3/11
E / 11652 / A
www.sensortechnics.com
HCE...B...5 (bidirectional devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z6
1
9
39
9
9
3C
1
A
3
x
e
H
t
n
u
o
C
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
6
6
6
6
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a9
4
C
6C
C
C
6F
4
D
6
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a3
E
5
06
6
6
09
E
6
0
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z3
2
.
25
2
.
27
2
.
2
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
0
0
.
4
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a3
2
.
45
2
.
47
2
.
4
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a3
2
.
05
2
.
07
2
.
0
All HCE...5 devices (V
S = 5.0)
HCE...R...5 (barometric devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a
t
u
p
t
u
O0
6
5
06
6
6
0C
6
7
0
x
e
H
t
n
u
o
C
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
6
6
6
6
t
u
p
t
u
o
e
l
a
c
s
ll
u
F6
C
B
6C
C
C
62
D
D
6
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a
t
u
p
t
u
O1
2
.
05
2
.
09
2
.
0
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
0
0
.
4
t
u
p
t
u
o
e
l
a
c
s
ll
u
F1
2
.
45
2
.
49
2
.
4
PERFORMANCE CHARACTERISTICS
(V
s = 5.0 V, TA = 25 °C, analog output signal is ratiometric to VS, digital output signal is not ratiometric to VS, pressure applied to high pressure port)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
)
C
°
5
8
.
.
.
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
1
.
.
.
1
1
8
0
E
C
H
,
.
.
.
1
1
6
0
E
C
H0
.
1
±
S
S
F
%
s
e
c
i
v
e
d
r
e
h
t
o
ll
a5
.
0
±
y
a
l
e
d
e
s
n
o
p
s
e
R
8
,
7
1s
m
n
o
i
t
u
l
o
s
e
r
D
/
A
8
4
1
t
i
b
n
o
i
t
u
l
o
s
e
r
A
/
D
1
1
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
9
5A
m
HCE...U...5 (unidirectional devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z3
E
5
06
6
6
09
E
6
0
x
e
H
t
n
u
o
C
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
6
6
6
6
t
u
p
t
u
o
e
l
a
c
s
ll
u
F9
4
C
6C
C
C
6F
4
D
6
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z3
2
.
05
2
.
07
2
.
0
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
0
0
.
4
t
u
p
t
u
o
e
l
a
c
s
ll
u
F3
2
.
45
2
.
47
2
.
4


Similar Part No. - HCEM020DBQ9P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCEM020B SENSORTECHNICS-HCEM020B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
HCEM020U SENSORTECHNICS-HCEM020U Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
More results

Similar Description - HCEM020DBQ9P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com