Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-M23A881PG Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-M23A881PG
Description  LED DOT MATRIX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M23A881PG Datasheet(HTML) 1 Page - BetLux Electronics

  BL-M23A881PG Datasheet HTML 1Page - BetLux Electronics BL-M23A881PG Datasheet HTML 2Page - BetLux Electronics BL-M23A881PG Datasheet HTML 3Page - BetLux Electronics BL-M23A881PG Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.betlux.com
LED DOT MATRIX
BL-M23X881
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
60.20mm (2.3”) Φ5.0 dot matrix LED display.
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25
)
(Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row
Cathode
Column Anode
Row Anode
Column Cathode
Emitted
Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M23A881S-XX
BL-M23B881S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
280
BL-M23A881D-XX
BL-M23B881D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
310
BL-M23A881UR-XX
BL-M23B881UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
450
BL-M23A881E-XX
BL-M23B881E-XX
Orange
GaAsP/GaP
635
2.10
2.50
220
BL-M23A881Y-XX
BL-M23B881Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
220
BL-M23A881G-XX
BL-M23B881G-XX
Green
GaP/GaP
570
2.20
2.50
250
Ultra Bright
Electrical-optical characteristics: (Ta=25
)
(Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row Cathode
Column Anode
Row Anode
Column Cathode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M23A881UHR-XX
BL-M23B881UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
450
BL-M23A881UE-XX
BL-M23B881UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
255
BL-M23A881YO-XX
BL-M23B881YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
255
BL-M23A881UY-XX
BL-M23B881UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
255
BL-M23A881UG-XX
BL-M23B881UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
380
BL-M23A881PG-XX
BL-M23B881PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
560
BL-M23A881B-XX
BL-M23B881B-XX
Ultra Blue
InGaN
470
2.70
4.20
270
BL-M23A881W-XX
BL-M23B881W-XX
Ultra White
InGaN
/
2.70
4.20
350
·-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-M23A881PG

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M23A881 BETLUX-BL-M23A881 Datasheet
360Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23A881DUG BETLUX-BL-M23A881DUG Datasheet
72Kb / 3P
   LED DOT MATRIX
BL-M23A881DUGUB BETLUX-BL-M23A881DUGUB Datasheet
72Kb / 3P
   LED DOT MATRIX
BL-M23A881EG BETLUX-BL-M23A881EG Datasheet
72Kb / 3P
   LED DOT MATRIX
BL-M23A881RGB BETLUX-BL-M23A881RGB Datasheet
72Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M23A881PG

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
   LED DOT MATRIX
logo
SHENZHEN YONGERJIA INDU...
WEJM1088 WINNERJOIN-WEJM1088 Datasheet
310Kb / 1P
   LED DOT MATRIX
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
   LED DOT MATRIX
logo
BetLux Electronics
BL-M23C881SG BETLUX-BL-M23C881SG Datasheet
152Kb / 3P
   LED DOT MATRIX
BL-M07C881S BETLUX-BL-M07C881S Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M12A883SG BETLUX-BL-M12A883SG Datasheet
141Kb / 3P
   LED DOT MATRIX
BL-M12C571SG BETLUX-BL-M12C571SG Datasheet
72Kb / 3P
   LED DOT MATRIX
BL-M12E571SG BETLUX-BL-M12E571SG Datasheet
73Kb / 3P
   LED DOT MATRIX
BL-M14A581S BETLUX-BL-M14A581S Datasheet
140Kb / 4P
   LED DOT MATRIX
BL-M19C881SG BETLUX-BL-M19C881SG Datasheet
156Kb / 3P
   LED DOT MATRIX
BL-M23A881SG BETLUX-BL-M23A881SG Datasheet
72Kb / 3P
   LED DOT MATRIX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com