Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSONC311IBF0 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # VSONC311IBF0
Description  Normally closed proportional solenoid valve
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

VSONC311IBF0 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  VSONC311IBF0 Datasheet HTML 1Page - Sensortechnics GmbH VSONC311IBF0 Datasheet HTML 2Page - Sensortechnics GmbH VSONC311IBF0 Datasheet HTML 3Page - Sensortechnics GmbH VSONC311IBF0 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VSO
®
Normally closed proportional solenoid valve
4/4
October 2006 / 254
www.sensortechnics.com
ORDERING INFORMATION
d
r
a
d
n
a
t
S
.
o
n
l
e
d
o
M
s
e
i
r
e
S
y
d
o
B
s
e
i
r
e
s
r
e
m
o
t
s
a
l
E
n
o
i
t
c
e
l
e
s
l
i
o
C
l
a
c
i
r
t
c
e
l
E
e
c
a
f
r
e
t
n
i
c
i
t
a
m
u
e
n
P
*
e
c
a
f
r
e
t
n
i
.
x
a
M
e
r
u
s
s
e
r
p
e
c
if
i
r
O
.
x
a
M
*
e
g
a
tl
o
v
-
s
i
s
e
R
*
*
e
c
n
a
t
*
*
*
t
n
e
r
r
u
C
s
n
o
i
t
p
OC
N
O
S
V
:
1
d
i
s
p
0
5
1"
0
1
0
.
0
)
m
m
5
4
2
.
0
(
S
:
1
1
s
e
i
r
e
S
1
1
:
V
/
M
K
F
s
s
a
r
b
:
A
V
5
.
5
C
D
1
1
A
4
0
3
.
0
:
F
,
s
d
a
e
l
e
r
i
w
"
8
1
:
0
d
l
o
f
i
n
a
m
t
n
u
o
m
:
2
d
i
s
p
0
5
1"
0
2
0
.
0
)
m
m
0
1
5
.
0
(
:
5
2
s
e
i
r
e
S
*
5
2
:
C
/
*
M
K
F
F
s
s
a
r
b
:
B
V
8
C
D
3
2
A
2
1
2
.
0
:
P
d
r
a
o
b
C
P
,
t
n
u
o
m
s
n
i
p
C
P
4
:
1
d
l
o
f
i
n
a
m
h
t
i
w
t
n
u
o
m
*
*
s
n
e
e
r
c
s
:
3
d
i
s
p
0
5
1"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
:
I
/
M
K
F
s
s
e
l
n
i
a
t
s
l
e
e
t
s
:
C
V
5
.
1
1
C
D
7
4
A
2
5
1
.
0
:
4
d
i
s
p
5
7"
0
4
0
.
0
)
m
m
6
1
0
.
1
(
:
D
V
5
.
3
1
C
D
8
6
A
5
2
1
.
0
:
5
F
N
U
2
3
-
0
1
d
e
d
a
e
r
h
t
e
l
a
m
e
f
)
5
2
s
e
i
r
e
S
(
:
5
d
i
s
p
0
0
1"
0
5
0
.
0
)
m
m
0
7
2
.
1
(
:
H
/
*
M
K
F
F
s
s
e
l
n
i
a
t
s
l
e
e
t
s
:
E
V
0
2
C
D
6
3
1
A
1
9
0
.
0
:
6
d
i
s
p
0
5"
5
6
0
.
0
)
m
m
1
5
6
.
1
(
:
F
V
9
2
C
D
4
7
2
A
6
6
0
.
0
:
8
s
b
r
a
b
"
8
/
1
n
i
e
l
b
a
l
i
a
v
a
*
d
e
t
a
l
p
-
l
e
k
c
i
n
y
l
n
o
s
s
a
r
b
ll
i
w
s
o
it
p
o
s
i
h
t
*
;
e
c
i
r
p
t
c
e
f
f
a
t
c
a
t
n
o
c
s
c
i
n
h
c
e
t
r
o
s
n
e
S
s
l
i
a
t
e
d
r
o
f
ll
u
f
s
u
o
u
n
it
n
o
c
r
o
f
e
g
a
tl
o
v
.
x
a
m
*
C
°
5
5
.
p
m
e
t
t
n
e
i
b
m
a
,
w
o
lf
.
p
m
e
t
m
o
o
r
r
o
f
e
c
n
a
t
s
i
s
e
r
l
i
o
c
*
*
w
o
lf
ll
u
f
r
o
f
t
n
e
r
r
u
c
t
u
p
n
i
*
*
*
y
l
n
o
1
1
s
e
i
r
e
S
*
5
n
o
it
p
o
h
t
i
w
t
p
e
c
x
e
ll
i
w
n
o
it
p
o
s
i
h
t
*
*
e
c
i
r
p
t
c
e
f
f
a
:
e
l
p
m
a
x
E
C
N
O
S
V
1
S
1
1
V
A
F
8
ELECTRICAL INTERFACE OPTIONS
VSONC...F...
(Wire leads,
no terminals)
PNEUMATIC INTERFACE OPTIONS
VSONC...P...
(PC mount, 4 pins)
VSONC...0...
(No barbs,
face seal to manifold)
VSONC...8...
(0.125" barbs, 1/8" I.D.
tubing, 1/4" O.D. max)
VSONC...1...
(No barbs,
face seal to manifold
with screen)
VSONC...5...
(10-32 UNF
threaded female)
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Not all combinations might be available.
Please contact your nearest Sensortechnics sales representative for further information.


Similar Part No. - VSONC311IBF0

ManufacturerPart #DatasheetDescription
logo
Rohm
VSON010V3030 ROHM-VSON010V3030 Datasheet
75Kb / 2P
   LSI Assembly
logo
ELM Technology Corporat...
VSON6-2X2 ELM-TECH-VSON6-2X2 Datasheet
185Kb / 1P
   Package, Reel, Taping
More results

Similar Description - VSONC311IBF0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
MDPRO4VAF1S SENSORTECHNICS-MDPRO4VAF1S Datasheet
100Kb / 4P
   Normally closed proportional solenoid valve
910000200001 SENSORTECHNICS-910000200001 Datasheet
144Kb / 4P
   Normally closed proportional solenoid valve
LW1BVAF0 SENSORTECHNICS-LW1BVAF0 Datasheet
97Kb / 4P
   Normally open proportional solenoid valve
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
   3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
Sensortechnics GmbH
HFPRO7VAF1O SENSORTECHNICS-HFPRO7VAF1O Datasheet
85Kb / 4P
   High flow proportional solenoid valve
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
   Proportional valve module
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
   Normally closed function
logo
WAGO Kontakttechnik Gmb...
750-632-000-100 WAGO-750-632-000-100 Datasheet
446Kb / 10P
   Proportional valve module
logo
IXYS Corporation
PLB171P IXYS-PLB171P Datasheet
122Kb / 5P
   Single-Pole, Normally Closed
logo
PIC GmbH
MS-332-7 PIC-MS-332-7 Datasheet
225Kb / 2P
   Normally Closed Reed Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com