Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS1311UBC-3 Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-LS1311UBC-3
Description  SMD LED LAMP, BI-COLOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS1311UBC-3 Datasheet(HTML) 4 Page - BetLux Electronics

  BL-LS1311UBC-3 Datasheet HTML 1Page - BetLux Electronics BL-LS1311UBC-3 Datasheet HTML 2Page - BetLux Electronics BL-LS1311UBC-3 Datasheet HTML 3Page - BetLux Electronics BL-LS1311UBC-3 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.betlux.com
SMD LED LAMP, BI-COLOR
BL-LS1311xx-3
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-LS1311UBC-3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1311UBC BETLUX-BL-LS1311UBC Datasheet
164Kb / 4P
   SMD LED LAMP, BI-COLOR
More results

Similar Description - BL-LS1311UBC-3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1210SGC BETLUX-BL-LS1210SGC Datasheet
121Kb / 4P
   SMD LED LAMP, BI-COLOR
BL-LS1311EGC BETLUX-BL-LS1311EGC Datasheet
159Kb / 4P
   SMD LED LAMP, BI-COLOR
BL-LS1311UEC BETLUX-BL-LS1311UEC Datasheet
164Kb / 4P
   SMD LED LAMP, BI-COLOR
logo
Kingbright Corporation
APTB1612ESGC-F01 KINGBRIGHT-APTB1612ESGC-F01 Datasheet
325Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612SGNC-F01 KINGBRIGHT-APTB1612SGNC-F01 Datasheet
187Kb / 6P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612SYKCGKC-F01 KINGBRIGHT-APTB1612SYKCGKC-F01 Datasheet
325Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612YSGC-F01 KINGBRIGHT-APTB1612YSGC-F01 Datasheet
326Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1615YSGC-F01 KINGBRIGHT-APTB1615YSGC-F01 Datasheet
342Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKVG62W-1 SUNLED-ZMDKVG62W-1 Datasheet
218Kb / 5P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
ZURUY62W-1 SUNLED-ZURUY62W-1 Datasheet
215Kb / 5P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com