Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS1206VEC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-LS1206VEC
Description  SMD LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS1206VEC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-LS1206VEC Datasheet HTML 1Page - BetLux Electronics BL-LS1206VEC Datasheet HTML 2Page - BetLux Electronics BL-LS1206VEC Datasheet HTML 3Page - BetLux Electronics BL-LS1206VEC Datasheet HTML 4Page - BetLux Electronics BL-LS1206VEC Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.betlux.com
SMD LED LAMP
BL-LS1206Vxx
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(nm)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2(
deg)
BL-LS1206VUDR
Ultra Red
AlGaAs
655
2.10
2.50
100
220
BL-LS1206VUHR
Ultra Red
AlGaAs
645
2.10
2.60
120
300
BL-LS1206VUEC
Ultra Orange
AlGaAs
630
2.10
2.50
150
330
BL-LS1206VUHD
Ultra Orange
AlGaAs
618
2.10
2.60
250
580
BL-LS1206VUYO
Ultra Amber
AlGaInP
610
2.10
2.60
200
370
BL-LS1206VUYC
Ultra Yellow
AlGaInP
593
2.10
2.60
120
270
BL-LS1206VUGC
Ultra Green
AlGaInP
575
2.20
2.70
60
130
BL-LS1206VPGC
Ultra Pure Green
InGaN
525
3.50
4.20
100
280
BL-LS1206VBGC
Ultra Bluish Green
InGaN
505
3.50
4.20
220
400
BL-LS1206VDNB
Blue
InGaN
470
3.50
4.20
30
90
BL-LS1206VUBC
Ultra Blue
InGaN
470
3.50
4.20
55
125
BL-LS1206VUWC
Ultra White
InGaN
/
Water
Clear
3.50
4.20
200
400
30
Absolute maximum ratings (Ta=25°C)
Parameter
UDR
UHR
UE
UHD
UYO
UY
UG
PG
BG
DNB
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-LS1206VEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1206EC BETLUX-BL-LS1206EC Datasheet
129Kb / 5P
   SMD LED LAMP
BL-LS1206GC BETLUX-BL-LS1206GC Datasheet
129Kb / 5P
   SMD LED LAMP
BL-LS1206HC BETLUX-BL-LS1206HC Datasheet
129Kb / 5P
   SMD LED LAMP
BL-LS1206LRC BETLUX-BL-LS1206LRC Datasheet
129Kb / 5P
   SMD LED LAMP
BL-LS1206SRC BETLUX-BL-LS1206SRC Datasheet
129Kb / 5P
   SMD LED LAMP
More results

Similar Description - BL-LS1206VEC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com