Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V2104PV24P00 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # V2104PV24P00
Description  Value squared switching solenoid valve
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

V2104PV24P00 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  V2104PV24P00 Datasheet HTML 1Page - Sensortechnics GmbH V2104PV24P00 Datasheet HTML 2Page - Sensortechnics GmbH V2104PV24P00 Datasheet HTML 3Page - Sensortechnics GmbH V2104PV24P00 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V2 Valve
Value squared switching solenoid valve
4/4
October 2006 / 252
www.sensortechnics.com
COIL STYLES
ORDERING INFORMATION
s
e
i
r
e
S
.
o
n
l
e
d
o
M
e
p
y
T
l
a
i
r
e
t
a
M
e
g
a
t
l
o
V
e
p
y
t
l
i
o
C
y
d
o
B
s
e
l
y
t
s
t
a
e
s
p
o
T
s
b
r
a
b
.
x
a
M
e
r
u
s
s
e
r
p
e
c
i
f
i
r
O
e
z
i
s
l
i
o
C
e
g
a
t
t
a
w
y
d
o
B
r
e
g
n
u
l
P
l
a
e
s
&
s
n
o
i
t
p
O2
V
:
0
1
i
s
p
0
0
1
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
2
:
1
C
N
y
a
w
-
2
:
V
P
T
B
PM
K
F
:
5
V
5
C
D
:
P
,
t
n
u
o
m
C
P
s
n
i
p
C
P
4
:
0
-
i
n
a
m
d
l
o
f
:
0
e
n
o
n
d
l
o
f
i
n
a
m
(
)
t
n
u
o
m
:
3
1
i
s
p
0
5
.
.
.
0"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
1
:
3
C
N
y
a
w
-
3
r
o
r
o
t
u
b
i
r
t
s
i
d
:
2
1
V
2
1
C
D
:
4
1
i
s
p
0
3
.
.
.
0"
0
5
0
.
0
)
m
m
0
7
2
.
1
(
W
2
:
4
2
V
4
2
C
D
:
F
,
s
d
a
e
l
e
r
i
W
"
8
1
:
8
"
8
/
1
s
b
r
a
b
:
8
"
8
/
1
s
b
r
a
b
:
7
1
i
s
p
5
1
.
.
.
0"
0
5
0
.
0
)
m
m
0
7
2
.
1
(
W
1
:
4
O
N
y
a
w
-
3
:
0
2
i
s
p
6
.
.
.
0"
0
5
0
.
0
)
m
m
0
7
2
.
1
(
W
5
.
0
:
e
l
p
m
a
x
E
2
V
4
1
3
V
P
2
1
P
8
8
V2...P...
(PC mount, 4 PC pins)
V2...F...
(Wire leads,
no terminals)
V2...8...
(1/8" I.D. tubing)
BODY STYLES
V2...0...
(Manifold mount)
V2...0
(Type 1 top seat, plugged)
V2...8
(0.125" top seat, 1/8" I.D. tubing)
STEM BARB STYLES
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Not all combinations might be available.
Please contact your nearest Sensortechnics sales representative for further information.


Similar Part No. - V2104PV24P00

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
V2109B ASSMANN-V2109B Datasheet
433Kb / 1P
   Channel style heatsink
More results

Similar Description - V2104PV24P00

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
11101BV5P00 SENSORTECHNICS-11101BV5P00 Datasheet
265Kb / 5P
   PC mount switching solenoid valve
SRS101PV5F SENSORTECHNICS-SRS101PV5F Datasheet
118Kb / 5P
   Manifold mountable plastic switching solenoid valve
logo
Festo Corporation.
8150397 FESTO-8150397 Datasheet
94Kb / 2P
   Solenoid valve
6/26/22
8114698 FESTO-8114698 Datasheet
76Kb / 2P
   Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
   Solenoid valve
8141534 FESTO-8141534 Datasheet
92Kb / 2P
   Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
   Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
   Solenoid valve
6/26/22
8114684 FESTO-8114684 Datasheet
77Kb / 2P
   Solenoid valve
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com