Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSOHPA10-50-7 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # VSOHPA10-50-7
Description  High performance pressure controllers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

VSOHPA10-50-7 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  VSOHPA10-50-7 Datasheet HTML 1Page - Sensortechnics GmbH VSOHPA10-50-7 Datasheet HTML 2Page - Sensortechnics GmbH VSOHPA10-50-7 Datasheet HTML 3Page - Sensortechnics GmbH VSOHPA10-50-7 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VSO-HP
High performance pressure controllers
3/4
May 2008 / 267
www.sensortechnics.com
PHYSICAL DIMENSIONS
dimensions in inches (mm)
third angle projection
2.78
(70.6)
2.84
(72.1)
1.64
(41.7)
0.23
(5.8)
1.175
(29.8)
0.321
(8.2)
0.409
(10.4)
2 x 0.819
(20.8)
0.44
(11.2)
0.890
(22.6)
1.53
(38.9)
2 x #10-32 UNF
0.20 (5.1)
2 x #8-32 UNC
0.30 (7.6)
for mounting purposes
J1 connector access
Pin 6
Pressure input
Pressure output


Similar Part No. - VSOHPA10-50-7

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
VSO013N04MS DOINGTER-VSO013N04MS Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
VSO013N10MS DOINGTER-VSO013N10MS Datasheet
577Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
VBsemi Electronics Co.,...
VSO014N10MS VBSEMI-VSO014N10MS Datasheet
469Kb / 9P
   N-Channel 100 V (D-S) MOSFET
VSO025N10MS VBSEMI-VSO025N10MS Datasheet
469Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
VSO030C04MC DOINGTER-VSO030C04MC Datasheet
3Mb / 8P
   N-Chanel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - VSOHPA10-50-7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
VSOEPS10-50-15 SENSORTECHNICS-VSOEPS10-50-15 Datasheet
98Kb / 4P
   Electronic pressure controllers
logo
Microchip Technology
DSPIC30F3014 MICROCHIP-DSPIC30F3014 Datasheet
4Mb / 220P
   High-Performance Digital Signal Controllers
2004
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com