Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS0402LRC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS0402LRC
Description  SMD LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS0402LRC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS0402LRC Datasheet HTML 1Page - BetLux Electronics BL-LS0402LRC Datasheet HTML 2Page - BetLux Electronics BL-LS0402LRC Datasheet HTML 3Page - BetLux Electronics BL-LS0402LRC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.betlux.com
SMD LED LAMP
BL-LS0402XX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
1.0mmx0.5mm SMD, 0.5mm THICKNESS.
Mono-color type, Standard type
Compatible with automatic placement equipment
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE:
2KPCS/REEL.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(nm)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-LS0402HC
Red
GaP
700
2.2
2.7
0.2
0.8
BL-LS0402SRC
Super Red
AlGaAs
660
1.85
2.30
2
10
BL-LS0402LRC
Super Red
AlGaAs
660
1.85
2.30
8
25
BL-LS0402EC
Orange
GaAsP
640
2.10
2.70
1
5
BL-LS0402YC
Yellow
GaAsP
583
2.15
2.70
1
5
BL-LS0402GC
Green
GaP
568
Water
Clear
2.30
2.70
5
12
120
Absolute maximum ratings (Ta=25°C)
Parameter
H
SR
LR
E
Y
G
Unit
Forward Current
IF
30
30
30
30
30
30
mA
Power Dissipation Pd
65
78
78
65
65
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-LS0402LRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS0603EC BETLUX-BL-LS0603EC Datasheet
127Kb / 5P
   SMD LED LAMP
BL-LS0603GC BETLUX-BL-LS0603GC Datasheet
127Kb / 5P
   SMD LED LAMP
BL-LS0603HC BETLUX-BL-LS0603HC Datasheet
127Kb / 5P
   SMD LED LAMP
BL-LS0603LEC BETLUX-BL-LS0603LEC Datasheet
134Kb / 5P
   SMD LED LAMP
BL-LS0603LGC BETLUX-BL-LS0603LGC Datasheet
134Kb / 5P
   SMD LED LAMP
More results

Similar Description - BL-LS0402LRC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com