Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTE6P01AO7 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # KTE6P01AO7
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTE6P01AO7 Datasheet(HTML) 6 Page - Sensortechnics GmbH

  KTE6P01AO7 Datasheet HTML 1Page - Sensortechnics GmbH KTE6P01AO7 Datasheet HTML 2Page - Sensortechnics GmbH KTE6P01AO7 Datasheet HTML 3Page - Sensortechnics GmbH KTE6P01AO7 Datasheet HTML 4Page - Sensortechnics GmbH KTE6P01AO7 Datasheet HTML 5Page - Sensortechnics GmbH KTE6P01AO7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KTE6000 / KTU6000 Series
OEM pressure transmitters for industrial media
6/6
December 2008 / 550
www.sensortechnics.com
ELECTROMAGNETIC CAPABILITY8
ORDERING INFORMATION
KTx6
xxx
x
x
x
Output signal
0:
0...10 V
4:
4...20 mA
6:
0.5...4.5 V
7:
0...5 V
Fitting size10
L:
1/4" NPT male
O:
G 3/4" (3/4"BSP)
only up to 16 bar/200 psi
Q:
G 1/4" (1/4" BSP) male
T:
G 1/2" (1/2" BSP)
Pressure mode
G:
gage pressure1
(up to 50 bar/750 psi)
S:
sealed gage
(above 50 bar/750 psi
A:
absolute pressure
(up to 50 bar/750 psi)
KTE6000 series
KTU6000 series
001:
0 to 1 bar
015:
0 to 15 psi
N01:
-1 to +1 bar
N15:
-15 to +15 psi
P01:
-1 to 0 bar
P15:
-15 to 0 psi
002:
0 to 2 bar
030:
0 to 30 psi
005:
0 to 5 bar
050:
0 to 50 psi
010:
0 to 10 bar
100:
0 to 100 psi
016:
0 to 16 bar
200:
0 to 200 psi
020:
0 to 20 bar
300:
0 to 300 psi
025:
0 to 25 bar
500:
0 to 500 psi
035:
0 to 35 bar
1K0:
0 to 1000 psi
050:
0 to 50 bar
1K5:
0 to 1500 psi
070:
0 to 70 bar
2K0:
0 to 2000 psi
100:
0 to 100 bar
3K0:
0 to 3000 psi
150:
0 to 150 bar
4K5:
0 to 4500 psi
200:
0 to 200 bar
6K0:
0 to 6000 psi
300:
0 to 300 bar
400:
0 to 400 bar
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
IP 65 protection is given when the connector is locked with a rubber washer. For proper function the gage port is vented to
the atmosphere through the connector/cable assembly. Thus the cable end must have access to the ambient pressure.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
Thermal effects tested and guaranteed from 0 to 70°C relative to 25°C. All specifications shown are relative to 25°C.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
Long term stability is the change in output after one year or 1 million pressure cycles.
Span is the arithmetic difference in transmitter output signal measured at zero pressure and the maximum operating pressure.
Test are in accordance with EN61000-6-2, April 1999.
Other sealing materials on special request.
Other fittings on special request.
CE-labelling is in accordance with 89/336/EEC.
The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
E: bar calibration
U: psi calibration
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
Ce
c
n
e
r
e
f
r
e
t
n
I
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
:
4
-
4
-
0
0
0
1
6
N
E
V
k
2
±
,
3
e
d
a
r
GB
O
S
F
%
1
<
)
D
S
E
(
t
s
e
t
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
:
2
-
4
-
0
0
0
1
6
N
E
e
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
8
±
,
4
e
d
a
r
GB
O
S
F
%
1
<
d
e
c
u
d
n
i
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.


Similar Part No. - KTE6P01AO7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTE3001AQ0 SENSORTECHNICS-KTE3001AQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ1 SENSORTECHNICS-KTE3001AQ1 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ4 SENSORTECHNICS-KTE3001AQ4 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ6 SENSORTECHNICS-KTE3001AQ6 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ7 SENSORTECHNICS-KTE3001AQ7 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
More results

Similar Description - KTE6P01AO7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com